Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA6YHD102V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERA6YHD102V
Description  Metal Film Chip Resistors 0603, 0805 Small size and lightweight
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA6YHD102V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERA6YHD102V Datasheet HTML 1Page - Panasonic Semiconductor ERA6YHD102V Datasheet HTML 2Page - Panasonic Semiconductor ERA6YHD102V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film Chip Resistors
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
125
°C
70
°C
–55
°C
Ambient Temperature (
°C)
20
40
60
80
100
P1
P2
P0
T
A
Tape running direction
Chip component
Sprocket hole
Compartment
φD0
φC
φA
W
T
Type
(inches)
Power Rating
at 70 °C (W)
Limiting Element
Voltage (Maximum
RCWV)
(1) (V)
Maximum Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
(3)
( )
T.C.R.
[ 10
–6/°C
(ppm/°C)]
Category Temperature
Range (Operating
Temperature Range)
(°C)
ERA3Y
(0603)
0.1
75
150
±0.5
10 to
91 (E24)
± 50
–55 to +125
100 to
33 k (E24)
± 25
36 k to 330 k (E24)
±100
±0.1
100 to
33 k (E24)
± 25
ERA6Y
(0805)
0.125
100
200
±0.5
10 to
91 (E24)
± 50
100 to 100 k (E24)
± 25
110 k to
1 M (E24)
±100
±0.1
100 to 100 k (E24)
± 25
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= Rated Power
Resistance Values, or Limiting Element Voltage
(max. RCWV) listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
Power Rating or max. Overload Voltage listed above
whichever less.
(3) E96 series resistance values are also available. Please contact us for details. Part Number of E96 series is shown ERA3E. , ERA6E.
Ratings
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Packaging Methods (Taping)
● Standard Quantity
Type
Kind of Taping
Pitch (P1)Quantity
ERA3Y
Punched Carrier Taping
4 mm
5000 pcs./reel
ERA6Y
● Taping Reel
● Punched Carrier Taping
Dimensions
(mm)
Type
A
B
W
F
E
3Y
1.10
±0.10
1.90
±0.10
8.00
±0.20 3.50±0.05 1.75±0.10
6Y
1.65
±0.15 2.50±0.20
Dimensions
(mm)
Type
P1
P2
P0
φD0
T
3Y
4.00
±0.10 2.00±0.05 4.00±0.10 1.50+0.10
0.70
±0.05
6Y
0.84
±0.05
–0
Dimensions
(mm)
Type
φA
φB
φC
3Y
180.0
+0
60 min.
13.0
±1.0
6Y
–3.0
Dimensions
(mm)
Type
W
T
3Y
9.0
±1.0
11.4
±1.0
6Y
Aug. 2008


Similar Part No. - ERA6YHD102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA6YHD102V PANASONIC-ERA6YHD102V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA6YHD102V PANASONIC-ERA6YHD102V Datasheet
186Kb / 3P
   Metal Film Chip Resistors
ERA6YHD102V PANASONIC-ERA6YHD102V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
More results

Similar Description - ERA6YHD102V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-3YEB122V PANASONIC-ERA-3YEB122V Datasheet
186Kb / 3P
   Metal Film Chip Resistors 0603, 0805
ERA-6YEB513V PANASONIC-ERA-6YEB513V Datasheet
186Kb / 3P
   Metal Film Chip Resistors 0603, 0805
ERJ-8GEYJ182V PANASONIC-ERJ-8GEYJ182V Datasheet
84Kb / 2P
   Small size and lightweight
ERJ-8GEYJ102V PANASONIC-ERJ-8GEYJ102V Datasheet
84Kb / 2P
   Small size and lightweight
ERA8AEB124V PANASONIC-ERA8AEB124V Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AED332V PANASONIC-ERA-3AED332V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB392V PANASONIC-ERA-3AEB392V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB203V PANASONIC-ERA-3AEB203V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB681V PANASONIC-ERA-3AEB681V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA2A PANASONIC-ERA2A Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com