Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1640C-ICH Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1640C-ICH
Description  0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640C-ICH Datasheet(HTML) 5 Page - Microchip Technology

  MCP1640C-ICH Datasheet HTML 1Page - Microchip Technology MCP1640C-ICH Datasheet HTML 2Page - Microchip Technology MCP1640C-ICH Datasheet HTML 3Page - Microchip Technology MCP1640C-ICH Datasheet HTML 4Page - Microchip Technology MCP1640C-ICH Datasheet HTML 5Page - Microchip Technology MCP1640C-ICH Datasheet HTML 6Page - Microchip Technology MCP1640C-ICH Datasheet HTML 7Page - Microchip Technology MCP1640C-ICH Datasheet HTML 8Page - Microchip Technology MCP1640C-ICH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2011 Microchip Technology Inc.
DS22234B-page 5
MCP1640/B/C/D
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT =CIN =10 µF, L =4.7 µH, VOUT =3.3V, ILOAD =15 mA, TA =+25°C.
FIGURE 2-1:
VOUT IQ vs. Ambient
Temperature in PFM Mode.
FIGURE 2-2:
VOUT IQ vs. Ambient
Temperature in PWM Mode.
FIGURE 2-3:
Maximum IOUT vs. VIN.
FIGURE 2-4:
2.0V VOUT PFM / PWM
Mode Efficiency vs. IOUT.
FIGURE 2-5:
3.3V VOUT PFM / PWM
Mode Efficiency vs. IOUT.
FIGURE 2-6:
5.0V VOUT PFM / PWM
Mode Efficiency vs. IOUT.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
VOUT = 2.0V
V
OUT = 5.0V
V
OUT = 3.3V
VIN = 1.2V
150
175
200
225
250
275
300
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
VOUT = 3.3V
VOUT = 5.0V
VIN = 1.2V
0
100
200
300
400
500
600
00.511.522.533.544.5
5
VIN (V)
VOUT = 3.3V
VOUT = 2.0V
VOUT = 5.0V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT (mA)
V
OUT = 2.0V
VIN = 0.8V
V
IN = 1.2V
VIN = 1.6V
PWM / PFM
PWM ONLY
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT (mA)
VOUT = 3.3V
VIN = 0.8V
VIN = 1.2V
VIN = 2.5V
PWM / PFM
PWM ONLY
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT (mA)
PWM / PFM
PWM ONLY
VOUT = 5.0V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V


Similar Part No. - MCP1640C-ICH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640C-ICHY MICROCHIP-MCP1640C-ICHY Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
More results

Similar Description - MCP1640C-ICH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
   High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com