Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK7L60223G Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXK7L60223G
Description  Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK7L60223G Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXK7L60223G Datasheet HTML 1Page - Panasonic Semiconductor AXK7L60223G Datasheet HTML 2Page - Panasonic Semiconductor AXK7L60223G Datasheet HTML 3Page - Panasonic Semiconductor AXK7L60223G Datasheet HTML 4Page - Panasonic Semiconductor AXK7L60223G Datasheet HTML 5Page - Panasonic Semiconductor AXK7L60223G Datasheet HTML 6Page - Panasonic Semiconductor AXK7L60223G Datasheet HTML 7Page - Panasonic Semiconductor AXK7L60223G Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7L, 8L
ACCTB28E 20121
1-T
2. Material and surface treatment
DIMENSIONS (unit: mm)
• Socket and header are mated
Part name
Material
Surface treatment
Molded portion
LCP resin (UL94V-0)
Contact/Post
Copper alloy
Contact portion: Ni plating on base, Au plating on surface
Terminal portion: Ni plating on base, Au plating on surface (Except for front edge of terminal)
However, the area adjacent to the socket terminal is exposed to Ni on base.
Soldering terminals: Socket: Ni plating on base, Pd + Au flash plating on surface (Expect for front edge of terminal)
Header: Ni plating on base, Au plating on surface (Expect for front edge of terminal)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
• Socket (Mated height 0.9 mm)
General tolerance:
±0.2
0.87
0.40
±0.05
0.15
±0.03
Soldering
terminals
F-F cross section
A
C
±0.15
B
±0.1
This surface
C0.15
0.40
±0.05
0.10
±0.03
(Contact and
soldering terminals)
Terminal coplanarity
0.08
F
F
Dimension table (mm)
Number of pins/
Dimensions
A
B
C
10
4.4
1.6
3.0
16
5.6
2.8
4.2
20
6.4
3.6
5.0
22
6.8
4.0
5.4
24
7.2
4.4
5.8
26
7.6
4.8
6.2
30
8.4
5.6
7.0
34
9.2
6.4
7.8
40
10.4
7.6
9.0
44
11.2
8.4
9.8
50
12.4
9.6
11.0
54
13.2
10.4
11.8
60
14.4
11.6
13.0
70
16.4
13.6
15.0
80
18.4
15.6
17.0
CAD Data
• Header (Mated height: 0.9 mm)
General tolerance:
±0.2
Terminal coplanarity
(Contact and
soldering terminals)
0.08
0.63
0.08
±0.03
Soldering
terminals
0.27
A
B
C
±0.1
0.40
±0.05
0.15
±0.03
Soldering terminals
Dimension table (mm)
Number of pins/
Dimensions
A
B
C
10
4.0
3.74
1.6
16
5.2
4.94
2.8
20
6.0
5.74
3.6
22
6.4
6.14
4.0
24
6.8
6.54
4.4
26
7.2
6.94
4.8
30
8.0
7.74
5.6
34
8.8
8.54
6.4
40
10.0
9.74
7.6
44
10.8
10.54
8.4
50
12.0
11.74
9.6
54
12.8
12.54
10.4
60
14.0
13.74
11.6
70
16.0
15.74
13.6
80
18.0
17.74
15.6
CAD Data
Socket
Header


Similar Part No. - AXK7L60223G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK7L60227G PANASONIC-AXK7L60227G Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
More results

Similar Description - AXK7L60223G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
Panasonic Semiconductor
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
logo
CTS Corporation
766 CTS-766_16 Datasheet
99Kb / 4P
   Narrow Body Design
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com