Electronic Components Datasheet Search |
|
HP3-DC100V Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
HP3-DC100V Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 7 page HP ORDERING INFORMATION Relay for control panel of 10A (2c/3c/4c) HP RELAYS FEATURES 1. High-capacity and long life Mechanical life is more than 10 million operations and, with electrical life of more than 200,000 operations (resistive load 10 A; inductive load 7.5 A), the relay has excellent inductive load durability. 2. Easy mounting and wiring The terminal arrangement is apparent at a glance and wiring is easy. Moreover, quick tab terminal is also possible. 3. Operation indicator option Optional operation indicators are available for easy visual confirmation that relays are operating. They simplify maintenance. 4. Wide range of sockets and terminal sockets To enable use with DIN rails, DIN terminal sockets are also available. TYPICAL APPLICATIONS HP relays enjoy wide use in various applications, particularly in automation controls and remote controls. Applications include: 1. Industrial machinery For controlling positioning, pressure, and temperature in molding equipment, boilers, pumps, charging pressure equipment, measuring and evaluation equipment, textile machines, etc. 2. Machine tools Control of positioning and directional change in turning machines, lathes, borers, etc. 3. Food processing packing machines Automatic control of packing equipment for milk and seafood, bottling, canning, and packaging 4. Office equipment Control of copiers, time recorders, etc. 5. Coin operate machines Control of food, cigarette, and other vending machines 6. Measuring devices and equipment For repeating installation of control signals and in power amplifiers 7. Generators, transformers and power receiving equipment. Functional parts in protective equipment, functional assistance in automatic adjustment equipment, telemeters and other remote monitoring equipment 8. Control of conveyance equipment Control panels for elevators, escalators, and other conveyance equipment, control of all kinds industrial transport equipment such as conveyors. 9. Amusement equipment Control of equipment in amusement parks, etc., control of bowling alley equipment, control of fountains in public parks Contact arrangement 2: 2 Form C 3: 3 Form C 4: 4 Form C HP Operation indication Nil: L: Without indication With indication Contact material F: Nil: 4 Form C, Silver alloy (cadmium-free) 2 Form C, 3 Form C (Silver) With LED indicator type Nominal coil voltage: With neon lamp type Nominal coil voltage: 24 V AC 12, 24, 48 V DC 100, 115, 200, 220, 240 V AC 100, 110 V DC Terminal arrangement Nil: TM: M: Plug-in terminal TM type (2 Form C only) Direct mounting (3 Form C only) Nominal coil voltage AC DC 24, 48, 100, 115, 200, 220, 240 V 12, 24, 48, 100, 110 V ASCTB81E 201201-T Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e RoHS compliant |
Similar Part No. - HP3-DC100V |
|
Similar Description - HP3-DC100V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |