Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3NA Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G3NA
Description  Solid State Relays G3NA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G3NA Datasheet HTML 6Page - Omron Electronics LLC G3NA Datasheet HTML 7Page - Omron Electronics LLC G3NA Datasheet HTML 8Page - Omron Electronics LLC G3NA Datasheet HTML 9Page - Omron Electronics LLC G3NA Datasheet HTML 10Page - Omron Electronics LLC G3NA Datasheet HTML 11Page - Omron Electronics LLC G3NA Datasheet HTML 12Page - Omron Electronics LLC G3NA Datasheet HTML 13Page - Omron Electronics LLC G3NA Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
G3NA
10
Y92B-N100 Heat Sink (for the G3NA-220B, G3NA-420B, G3NE-220T(L))
35
30.5
±0.3
47.6
90
±0.3
5.6
5
4.5
28
13
35
±0.2
30
For mounting method, refer to "Precautions for Correct
Use".
For surface mounting, a 30% derating of the load current is required (from the Load Current vs. Ambient Temperature graphs).
90
±0.4
4.6 dia.
Two, M3 holes
77
max.
71 max.
100
max.
75 max.
Two, 3.2-dia. holes
Mounting Holes
Weight: approx. 400 g
Two, M4 holes
Two, 4.4-dia.
or M4 holes
100
max.
Y92B-N150 Heat Sink (for the G3NA-240B, G3NA-440B(-2))
For mounting method, refer to "Precautions for Correct
Use".
For surface mounting, a 30% derating of the load current is required (from the Load Current vs. Ambient Temperature graphs).
4.6 dia.
Two, 3.2-dia. holes
Mounting Holes
Weight: approx. 560 g
Two, 4.4-dia.
or M4 holes
Three,
M4 holes
35
47.6
5.6
5
4.5
13
28
100
max.
77
max.
90
±0.3
56
±0.3
100 max.
30
100
max.
104 max.
80 max.
47.6
M4
Thermostat
NC contact, 90°C
64
120
105
120 max.
133.4
Fan power supply, 200 VAC 50/60 Hz
160 max.
172 max.
110max.
64±0.3
130±0.3
Y92B-P250NF Heat Sink (for the G3NA-275B-UTU(-2), G3NA-475B-UTU(-2), G3NA-290B-UTU(-2), G3NA-490B-UTU(-2))
For mounting method, refer to "Precautions for Correct
Use".
Two, 4.6-dia. holes
Mounting Holes
Weight: approx. 2.5 kg
Two, 4.5-dia. or
M4 holes
Two, M4 holes


Similar Part No. - G3NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3NA ETC-G3NA Datasheet
175Kb / 9P
   Solid-state Relay
logo
Omron Electronics LLC
G3NA OMRON-G3NA Datasheet
1Mb / 18P
   Solid State Relay
G3NA OMRON-G3NA Datasheet
694Kb / 36P
   Digital Controller
logo
List of Unclassifed Man...
G3NA-205B ETC-G3NA-205B Datasheet
175Kb / 9P
   Solid-state Relay
logo
Omron Electronics LLC
G3NA-205B OMRON-G3NA-205B Datasheet
1Mb / 18P
   Solid State Relay
More results

Similar Description - G3NA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com