Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE2AN-AC12V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # HE2AN-AC12V
Description  TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE2AN-AC12V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  HE2AN-AC12V Datasheet HTML 1Page - Panasonic Semiconductor HE2AN-AC12V Datasheet HTML 2Page - Panasonic Semiconductor HE2AN-AC12V Datasheet HTML 3Page - Panasonic Semiconductor HE2AN-AC12V Datasheet HTML 4Page - Panasonic Semiconductor HE2AN-AC12V Datasheet HTML 5Page - Panasonic Semiconductor HE2AN-AC12V Datasheet HTML 6Page - Panasonic Semiconductor HE2AN-AC12V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HE
ASCTB183E 201202-T
REFERENCE DATA
1 Form A Type
2 Form A Type
1. Maximum switching power
2. Life curve
3. Coil temperature rise (DC type)
Measured portion: Inside the coil
Contact current: 30 A
100
50
30
20
10
5
1
0.5
30
100
500 1,000
Contact voltage, V
AC resistive
DC resistive
10
5
100
50
1,000
500
30
35
20
25
10
15
5
0
Contact current, A
250 V AC resistive
30 V DC resistive
70
60
50
40
30
20
10
0
100
110
120
20
°C
60
°C
Coil applied voltage, %V
40
°C
4. Ambient temperature characteristics
Tested sample: HE1aN-AC120V, 6 pcs.
30
40
60
80
20
–10
0
–20
–50
–20
–30
x
x-
-
Ambient
temperature,
°C
Pick-up
voltage
Drop-out
voltage
20
10
1. Maximum switching power
2. Life curve
3. Coil temperature rise (DC type)
Measured portion: Inside the coil
Contact current: 30 A
100
50
30
20
10
5
1
0.5
30
100
500 1,000
Contact voltage, V
AC resistive
DC resistive
10
5
100
50
1,000
500
30
35
20
25
10
15
5
0
Contact current, A
250 V AC resistive
30 V DC resistive
70
60
50
40
30
20
10
0
100
110
120
20
°C
60
°C
40
°C
Coil applied voltage, %V
4. Ambient temperature characteristics
Tested sample: HE2aN-AC120V, 6 pcs.
40
60
80
20
–10
0
–20
–50
–20
–30
x-
x-
Ambient
temperature,
°C
Pick-up
voltage
Drop-out
voltage
20
10


Similar Part No. - HE2AN-AC12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HE2AN-P-AC120V NAIS-HE2AN-P-AC120V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
HE2AN-P-AC12V NAIS-HE2AN-P-AC12V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
HE2AN-P-AC240V NAIS-HE2AN-P-AC240V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
HE2AN-P-AC24V NAIS-HE2AN-P-AC24V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
HE2AN-P-AC48V NAIS-HE2AN-P-AC48V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
More results

Similar Description - HE2AN-AC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-AC240V PANASONIC-HE1AN-AC240V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays
LKP1AF-24V PANASONIC-LKP1AF-24V Datasheet
63Kb / 3P
   1a 10A TV-5 rated power relays
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
JTN1AS-PA-F-DC5V PANASONIC-JTN1AS-PA-F-DC5V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
logo
Nihon Kaiheiki Industry...
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
   TV IF amplifier and demodulator with TV-identification
January 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com