Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3TB-OA203PZ-US Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3TB-OA203PZ-US
Description  Solid State Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3TB-OA203PZ-US Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3TB-OA203PZ-US Datasheet HTML 1Page - Omron Electronics LLC G3TB-OA203PZ-US Datasheet HTML 2Page - Omron Electronics LLC G3TB-OA203PZ-US Datasheet HTML 3Page - Omron Electronics LLC G3TB-OA203PZ-US Datasheet HTML 4Page - Omron Electronics LLC G3TB-OA203PZ-US Datasheet HTML 5Page - Omron Electronics LLC G3TB-OA203PZ-US Datasheet HTML 6Page - Omron Electronics LLC G3TB-OA203PZ-US Datasheet HTML 7Page - Omron Electronics LLC G3TB-OA203PZ-US Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Solid State Relay
G3TB
415
Operation
■ Circuit Configuration
Example of Logic Output Circuit
Note: AC- and DC-input versions are available.
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Type
Model
Case
color
Indicator
Circuit
AC input
G3TB-IAZR02P-US
Yellow
Yes
DC input
G3TB-IDZR02P-US
White
Yes
AC output
G3TB-OA203PZ-US
G3TB-OA203PL-US
Black
Yes
G3TB-OA203PZM-US
G3TB-OA203PLM-US
No
DC output
G3TB-ODX03P-US
G3TB-OD201P-US
Red
Yes
G3TB-ODX03PM-US
G3TB-OD201PM-US
No
Rectification
circuit
Constant-
current circuit
Amplification
circuit
Constant-
current circuit
Amplification
circuit
Drive circuit
Constant-
current circuit
Zero cross
circuit
Constant-
current circuit
Amplification
circuit
(+)
(
−)
+3
4
−5
( )
SW
3.3 K
(+)
(
−)
+3
4
−5
( )
SW
3.3 K
Example 1.
G3TB-I
Example 2.
G3TB-I
4 to 32 VDC
Logic circuitry
Load
4 to 32 VDC
Sequential
circuit or
CPU
Example: Relay
with built-in
inrush absorption
diode
1
+
2
3
+
4
5
-
1
~
2
~
3
+
4
5
Vcc
Vcc
G3TB-I
6.6
6.05
±0.1
10.16
22.86
27.94
33.02
23.2
0.6
2.54
2.54
6.05
10.16
12.7
5.08 5.08
External input
Output
External input
Output
Input SSR
PCB Dimensions
(Bottom View)
Terminal Arrangement
(Bottom View)
20.5
max.
43.5 max.
10 max.
Five, 1.3-dia. holes


Similar Part No. - G3TB-OA203PZ-US

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3TB-OA203PZ-US ETC-G3TB-OA203PZ-US Datasheet
90Kb / 6P
   Solid-state Relay
logo
Omron Electronics LLC
G3TB-OA203PZ-US OMRON-G3TB-OA203PZ-US Datasheet
478Kb / 10P
   Solid State Relay
More results

Similar Description - G3TB-OA203PZ-US

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com