Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6K Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G6K
Description  Electronic Components Master Selection Guide
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G6K Datasheet HTML 3Page - Omron Electronics LLC G6K Datasheet HTML 4Page - Omron Electronics LLC G6K Datasheet HTML 5Page - Omron Electronics LLC G6K Datasheet HTML 6Page - Omron Electronics LLC G6K Datasheet HTML 7Page - Omron Electronics LLC G6K Datasheet HTML 8Page - Omron Electronics LLC G6K Datasheet HTML 9Page - Omron Electronics LLC G6K Datasheet HTML 10Page - Omron Electronics LLC G6K Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Relays - Power PCB
9
G5NB
G5SB
G6D-ASI
G5NB-E
Features
Electrical service life
(@ 1800 ops./hr.)
Coil Information
Coil voltage
Approved standards
Contact Information
Contact form
• Small compact form for 10 kV
impulse and 5A switching
capability
• Meets EN tracking resistance
CTI>250
200,000 (resistive):
3A @ 30VDC
100,000:
5A @ 250VAC
• High capacity 5A version
available
• Meets EN tracking resistance
CTI>250
• HA version for home
appliances
(resistive load)
200,000 (resistive):
3A @ 125VAC/30VDC
• High insulation between coil &
contact
• Impulse withstand of 8kV
• Fully Sealed
• Incorporates 5A NO contact
For resistive loads:
200,000: 3 A (NO)/3 A (NC) at
125 VAC; 50,000: 5 A (NO)/3 A (NC)
at 125 VAC; 50,000: 5 A (NO) at
250 VAC; 10,000: 3 A (NC) at
250 VAC; 10,000: 5 A (NO)/3 A (NC)
at 30 VDC
UL, CSA, VDE
UL, CSA, VDE
UL, CSA, VDE
UL, CSA, TUV, SEV
Terminal choices
PCB
PCB
PCB
PCB
Dimensions mm (in)
15.3 H x 20.5 L x 7.2 W
(0.60 x 0.81 x 0.28) max.
15.3 H x 20.5 L x 7.2 W
(0.60 x 0.81 x 0.28)
15.8 H x 20.3 L x 10.3 W
(0.62 x 0.80 x 0.41)
12.5 H x 17.5 L x 6.5 W
(0.49 x 0.69 x 0.26)
Operating temperature
-40 to +85°C
-40 to +70°C
-40 to +70°C
-25 to +70°C
1 Form A
1 Form A
1 Form A
1 Form A
Contact type(s)
Single button
Single button
Single button
Single button
Contact material(s)
AgSnIn
AgNi
AgNi/AgSnIn
AgNi/AgSnIn
Impulse withstand voltage
(1.2 x 50µ sec. unless noted)
10kV
10kV
8kV
6kV
• Subminiature, slim lightweight
design
• Low power consumption
• Fully Sealed
Minimum permissible load
(for reference only)
10mA @ 5VDC
10mA @ 5VDC
10mA @ 5VDC
10mA @ 5VDC
5, 12, 18, 24VDC
5, 12, 18, 24VDC
5, 9, 12, 24VDC
5, 12, 24, 48, 110/120VDC
Power consumption
200mW
200mW
400mW
200mW
300,000: 2A @ 30VDC/250VAC
70,000: 5A @ 30VDC/250VAC
Accessories
N/A
N/A
N/A
Socket for back connecting,
sockets with PCB terminals
Insulation class
Class B
Class A
Class B
Class B
General Attributes
Switching
3A/5A
3A/5A
5A(NO)/3A(NC)
5A
4,000VAC (coil-contact)
750VAC (open contacts)
4,000VAC (coil-contact)
750VAC (open contacts)
4,000VAC (coil-contact)
1,000VAC (open contacts)
3,000VAC (coil-contact)
750VAC (open contacts)
Dielectric strength
(50/60 Hz for 1 minute)
Characteristics
Max. switching capacity
(and resistive load)
1,250VA, 90W
375VA, 90W
1,250VA, 150W(NO)
750VA, 30W(NC)
1,250VA, 150W
Protection level
Semi-sealed
Semi-sealed
Semi-sealed
Semi-sealed
NEW!
NEW!
NEW!
ECbodyREADERS.indd 9
ECbodyREADERS.indd 9
7/14/06 11:21:49 PM
7/14/06 11:21:49 PM


Similar Part No. - G6K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K OMRON-G6K Datasheet
308Kb / 10P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
G6K OMRON-G6K Datasheet
1Mb / 12P
   Low Signal Relay
logo
Gulf Semiconductor
G6K GULFSEMI-G6K Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6K OMRON-G6K Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2F OMRON-G6K-2F Datasheet
308Kb / 10P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
More results

Similar Description - G6K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
   Design Guide for Selection of Bootstrap Components
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com