Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6H Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 7Page - Omron Electronics LLC G6H Datasheet HTML 8Page - Omron Electronics LLC G6H Datasheet HTML 9Page - Omron Electronics LLC G6H Datasheet HTML 10Page - Omron Electronics LLC G6H Datasheet HTML 11Page - Omron Electronics LLC G6H Datasheet HTML 12Page - Omron Electronics LLC G6H Datasheet HTML 13Page - Omron Electronics LLC G6H Datasheet HTML 14Page - Omron Electronics LLC G6H Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Relays - Power PCB
13
G2R
G5RL
G2RL-TP
G2RL
Dimensions mm (in)
Minimum permissible load
(@1800 ops./hr.)
Features
Operating temperature
Electrical service life
(@ 1800 ops./hr.)
(resistive load)
Impulse withstand voltage
(1.2 x 50µ sec. unless noted)
Insulation class
Contact type(s)
Contact material(s)
Coil Information
Coil voltage
Power consumption
Terminal choices
Accessories
Approved standards
Contact Information
Contact form
UL, CSA, VDE
PCB
15.7 H x 28.8 L x 12.5 W
(0.61 x 1.14 x 0.49)
-40 to +70°C (AC coil)
-40 to +85°C (DC coil)
1 Form C
Single button
AgSnIn
10kV
• High dielectric due to large
internal creepage distances.
• AC coil in industry standard
package
24, 100, 115/120, 200, 230/240 VAC
5, 12, 24, 48VDC
40mA @ 24VDC
0.75VA
400mW (430mW @ 48VDC)
50,000: 16A @ 24VDC/277VAC (NO)
25,000: TV-5 (NO)
N/A
6,000VAC (coil-contact)
1,000VAC (open contacts)
Protection level
Semi-sealed
General Attributes
Switching
16A max. (NO), 5A max. (NC)
Dielectric strength
(50/60 Hz for 1 minute)
Characteristics
Max. switching capacity
(resistive Load)
4,000VA, 384W (NO)
1,250VA, 120W (NC)
UL, CSA, EN 60335
PCB (coil terminals)
Quick-connect (contact terminals)
15.7H x 40.4 L x 12.5 W
(0.61 x 1.60 x 0.49)
-40 to +105°C
1 Form A
Single button
Ag alloy
10kV
12, 24VDC
Consult catalog for other coil
voltages
4,000VA,
400mW (430mW for 48VDC)
50,000: 16A @ 24VDC/277VAC
20A @ 24 VAC (@ 85ºC)
25,000: TV-5
N/A
Class F
5,000 VAC, (coil-contact)
1,000 VAC, (open contacts)
16A max.
Semi-sealed
• Increased temperature &
insulation ratings in low profile
package.
• Simplifies PCB design by allowing
removal of high power PCB
tracings.
• Contact/load terminals in both
5mm for RAST5 connection &
7.5mm existing standard
• Single mounting/soldering
process for both types of terminals
reduces PCB assembly costs.
UL, CSA, SEV SEMKO, VDE, TUV
PCB, plug in
quick-connect (flange mount)
25.5 H x 29 L x 13 W
(1 x 1.14 x 0.51)
-40 to +70°C (+85°C option)
1 Form A, 1 Form C, 2 Form A,
2 Form C
Single button, bifurcated button
Ag alloy
10kV
• High dielectric withstand
• 8mm coil/contact spacing
• 1 & 2 pole models
• 3mm contact gap version
available (see G2RG)
• Meets EN tracking resistance
CTI > 250
12, 18, 24, 48, 50, 100, 110/120,
110, 120, 200/220, 220, 230, 240VAC
5, 6, 9, 12, 18, 24, 48,60, 100,
110VDC
1 pole: 100mA @ 5VDC;
2 pole: 10mA @ 5VDC
0.9VA, 530mW (standard)
360mW (high sensitivity)
850mW (latching set),
600mW (latching reset)
100,000: (high-capacity type)
16A @ 30VDC/250VAC
Consult catalog for other ratings
N/A
Class B available
UL, CSA, VDE
PCB, optional quick-connect
contact terminals (-TP type)
15.5 H x 29 L x 12.7 W
(0.61 x 1.14 x 0.50)
-40 to +85°C
1 Form A, 1 Form C, 2 Form A,
2 Form C
Single button (bifurcated available)
AgSnO2 (1 pole); AgNi (2 pole)
10kV
• Low profile for power rating
• High isolation
• Class F insulation option
• Low power consumption
• Quick connect terminal option
• Meets EN tracking resistance
CTI > 250
5, 12, 24, 48VDC
40mA, 24VDC
400mW (430mW for 48VDC)
5,000VAC (coil-contact)
1,000 VAC (open contacts)
5,000VAC (coil-contact)
1,000 VAC (open contacts)
N/A
Class F
Semi-sealed
Fully sealed option
16A max.
16A max.
Semi-sealed
Fully sealed option
4,000VA, 480W (high-capacity 1 pole)
Consult catalog for other ratings
4,000VA, 384W (high-capacity 1 pole)
Consult catalog for other ratings
100,000: 16A @ 250VAC
6,000: 25A @ 240VAC
Consult catalog for other ratings
NEW!
NEW!
ECbodyREADERS.indd 13
ECbodyREADERS.indd 13
7/14/06 11:22:44 PM
7/14/06 11:22:44 PM


Similar Part No. - G6H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H OMRON-G6H Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H OMRON-G6H Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2 OMRON-G6H-2 Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2 OMRON-G6H-2 Datasheet
526Kb / 10P
   Low Signal Relay
G6H-2 OMRON-G6H-2 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results

Similar Description - G6H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
   Design Guide for Selection of Bootstrap Components
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com