Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6B-47BND Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6B-47BND
Description  Terminal Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B-47BND Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6B-47BND Datasheet HTML 1Page - Omron Electronics LLC G6B-47BND Datasheet HTML 2Page - Omron Electronics LLC G6B-47BND Datasheet HTML 3Page - Omron Electronics LLC G6B-47BND Datasheet HTML 4Page - Omron Electronics LLC G6B-47BND Datasheet HTML 5Page - Omron Electronics LLC G6B-47BND Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
206
Terminal Relay
G6B-4
@@ND
■ Accessories (Order Separately)
Replacement Relays
Note: Relays cannot be replaced for G6B-48BND, which is mounted directly to boards.
Relay Mounting Products
Applicable terminal relay
Rated voltage
Model
G6B-4BND
5 VDC
12 VDC
24 VDC
G6B-1114P-FD-US
G6B-47BND
5 VDC
12 VDC
24 VDC
G6B-1174P-FD-US
Name
Model
Relay Removal Tool
P6B-Y1
Short Bars
G6B-4-SB
Mounting Track
PFP-100N
PFP-50N
PFP-100N2
End Plate
PFP-M
Spacer
PFP-S
P6B-Y1 Relay Removal Tool
G6B-4-SB Short Bars
Short Bars are used to wire crossovers for
common terminals for coils or contacts.
G6B-4-C Terminal Covers (Two per set)


Similar Part No. - G6B-47BND

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-4-C OMRON-G6B-4-C Datasheet
263Kb / 6P
   Compact Terminal Relay with 4 Independent Outputs
G6B-48BND-DC24 OMRON-G6B-48BND-DC24 Datasheet
263Kb / 6P
   Compact Terminal Relay with 4 Independent Outputs
More results

Similar Description - G6B-47BND

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6C-4BN-DC24 OMRON-G6C-4BN-DC24 Datasheet
152Kb / 9P
   Terminal Relay
G6B-4-C OMRON-G6B-4-C Datasheet
263Kb / 6P
   Compact Terminal Relay with 4 Independent Outputs
G6B-48BND-DC24 OMRON-G6B-48BND-DC24 Datasheet
263Kb / 6P
   Compact Terminal Relay with 4 Independent Outputs
logo
Fujitsu Component Limit...
FTR-K1-17A FUJITSU-FTR-K1-17A Datasheet
603Kb / 8P
   POWER RELAY 1 POLE - 17A Tab Terminal
logo
PHOENIX CONTACT
2861881 PHOENIX-2861881 Datasheet
400Kb / 15P
   Inline Terminal With One SPDT Relay Contact
2862181 PHOENIX-2862181 Datasheet
361Kb / 18P
   Inline Terminal With Four Relay Changeover Contacts
103247 PHOENIX-103247 Datasheet
178Kb / 4P
   Basic Terminal Block for Fitting With Solid-State Relay or Electromechanical Relay
logo
List of Unclassifed Man...
2967086 ETC2-2967086 Datasheet
140Kb / 8P
   PLC relay, consisting of base terminal block PLCBSC
logo
Schneider Electric
LA7D3064 SCHNEIDER-LA7D3064 Datasheet
131Kb / 1P
   TeSys LRD thermal overload relay, terminal block adaptor
Aug 10, 2019
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
   Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com