Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2200-IMQ Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2200-IMQ
Description  USB 2.0 to UART Protocol Converter with GPIO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200-IMQ Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2200-IMQ Datasheet HTML 4Page - Microchip Technology MCP2200-IMQ Datasheet HTML 5Page - Microchip Technology MCP2200-IMQ Datasheet HTML 6Page - Microchip Technology MCP2200-IMQ Datasheet HTML 7Page - Microchip Technology MCP2200-IMQ Datasheet HTML 8Page - Microchip Technology MCP2200-IMQ Datasheet HTML 9Page - Microchip Technology MCP2200-IMQ Datasheet HTML 10Page - Microchip Technology MCP2200-IMQ Datasheet HTML 11Page - Microchip Technology MCP2200-IMQ Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MCP2200
DS22228B-page 8
 2011 Microchip Technology Inc.
1.6.1.3
RxLED Pin Function (IN Message)
The ‘Rx’ in the pin name is in respect to the USB host.
The RxLED pin is an indicator for USB ‘IN’ messages.
This pin will either pulse low for a period of time
(configurable for ~100 ms or ~200 ms), or toggle to the
opposite
state
for
every
message
received
(IN message) by the USB host. This allows the
application to count messages or provide a visual
indication of USB traffic.
1.6.1.4
TxLED Pin Function (OUT Message)
The ‘Tx’ in the pin name is in respect to the USB host.
The TxLED pin is an indicator for USB ‘OUT’
messages.
This pin will either pulse low for a period of time
(configurable for ~100 ms or ~200 ms), or toggle to the
opposite state for every message transmitted (OUT
message) by the USB host. This allows the application
to count messages or provide a visual indication of
USB traffic.
1.7
EEPROM Module
The EEPROM module is a 256 byte array of nonvolatile
memory. The memory locations are accessed for
read/write operations via USB host commands. Refer
to Section 2.0 “Configuration” for details on access-
ing the EEPROM. The memory cells for data EEPROM
are rated to endure thousands of erase/write cycles,
up to 100K for EEPROM.
Data retention without refresh is conservatively
estimated to be greater than 40 years.
The host should wait for the write cycle to complete and
then verify the write by reading the byte(s).
1.8
RESET/POR
1.8.1
RESET PIN
The RST pin provides a method for triggering an
external Reset of the device. A Reset is generated by
holding the pin low. These devices have a noise filter in
the Reset path which detects and ignores small pulses.
1.8.2
POR
A POR pulse is generated on-chip whenever VDD rises
above a certain threshold. This allows the device to
start in the initialized state when VDD is adequate for
operation.
To take advantage of the POR circuitry, tie the RST pin
through a resistor (1 kOhm to 10 kOhm) to VDD. This
will eliminate external RC components usually needed
to create a POR delay.
When the device starts normal operation (i.e., exits the
Reset
condition),
device
operating
parameters
(voltage, frequency, temperature, etc.) must be met to
ensure operation. If these conditions are not achieved,
the device must be held in Reset until the operating
conditions are met.
1.9
Oscillator
The input clock must be 12 MHz to provide the proper
frequency for the USB module.
USB full-speed is nominally 12 Mb/s. The clock input
accuracy is ±0.25% (2,500 ppm maximum).
FIGURE 1-6:
QUARTZ CRYSTAL
OPERATION
FIGURE 1-7:
CERAMIC RESONATOR
OPERATION
Quartz Crystal
12 MHz
OSC1
OSC2
RS(1)
RF(2)
MCP2200
Note 1:
A series resistor (RS) may be required
for quartz crystals with high drive level.
2:
The value of RF is typically between
2M
 to 10 M..
Example: muRata
CSTCE12M0G15L
OSC1
OSC2
Resonator
12 MHz
MCP2200


Similar Part No. - MCP2200-IMQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2200-I/MQ MICROCHIP-MCP2200-I/MQ Datasheet
649Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
07/14/15
MCP2200-I/NQ MICROCHIP-MCP2200-I/NQ Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200-I/SO MICROCHIP-MCP2200-I/SO Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200-I/SO MICROCHIP-MCP2200-I/SO Datasheet
649Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
07/14/15
MCP2200-I/SS MICROCHIP-MCP2200-I/SS Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
More results

Similar Description - MCP2200-IMQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200 Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200 MICROCHIP-MCP2200_15 Datasheet
649Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
07/14/15
MCP2200 MICROCHIP-MCP2200_11 Datasheet
521Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
2011
MCP2221A MICROCHIP-MCP2221A Datasheet
1Mb / 80P
   USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2221 MICROCHIP-MCP2221 Datasheet
1Mb / 80P
   USB 2.0 to I2C??UART Protocol Converter with GPIO
01/27/15
MCP2210 MICROCHIP-MCP2210 Datasheet
1Mb / 82P
   USB-to-SPI Protocol Converter with GPIO (Master Mode)
2011
logo
Future Technology Devic...
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
   Full-Speed USB to UART converter
logo
List of Unclassifed Man...
UUSB-MB5 ETC2-UUSB-MB5 Datasheet
856Kb / 6P
   USB to Serial UART Bridge Converter
logo
Future Technology Devic...
C232HD FTDI-C232HD Datasheet
824Kb / 18P
   C232HD USB 2.0 HI-SPEED TO UART CABLE
logo
Maxim Integrated Produc...
MAX32670EVKIT MAXIM-MAX32670EVKIT Datasheet
853Kb / 11P
   USB 2.0 Micro B to Serial UART Bridge
Rev 2; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com