Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9EA-1 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G9EA-1
Description  DC Power Relays Capable of Interrupting High voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9EA-1 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G9EA-1 Datasheet HTML 2Page - Omron Electronics LLC G9EA-1 Datasheet HTML 3Page - Omron Electronics LLC G9EA-1 Datasheet HTML 4Page - Omron Electronics LLC G9EA-1 Datasheet HTML 5Page - Omron Electronics LLC G9EA-1 Datasheet HTML 6Page - Omron Electronics LLC G9EA-1 Datasheet HTML 7Page - Omron Electronics LLC G9EA-1 Datasheet HTML 8Page - Omron Electronics LLC G9EA-1 Datasheet HTML 9Page - Omron Electronics LLC G9EA-1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
DC Power Relays (60-A, 100-A Models)
G9EA-1
Options
Terminal Cover
P9EA-C
DIN Track Adapter
P9EA-D
Dimensions of cutouts for wiring.
>PC<
P9EA-C
MAD
E IN
JAP
AN
MAD
E IN
JA
PAN
>PC<
P9EA-C
MAD
E IN
JAP
AN
49
6
21
36
31
17
17
17
13.2
Dimension
(mm)
Tolerance
(mm)
10 or lower
±0.3
10 to 50
±0.5
50 or higher
±1
Note: Be sure to remove the cutouts for
wiring that are located in the wiring
outlet direction before installing the
Terminal Cover.
Two, M5
50
24
±0.1
12
61
±0.1 88
Dimension
(mm)
Tolerance
(mm)
10 or lower
±0.3
10 to 50
±0.5
50 or higher
±1


Similar Part No. - G9EA-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G9EA-1-B OMRON-G9EA-1-B Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G9EA-1-B-CA OMRON-G9EA-1-B-CA Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G9EA-1-CA OMRON-G9EA-1-CA Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
More results

Similar Description - G9EA-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EJ OMRON-G9EJ Datasheet
951Kb / 4P
   DC Power Relays Capable of DC Loading at High Voltage and Current
G9EJ-1-E OMRON-G9EJ-1-E Datasheet
587Kb / 6P
   Compact DC Power Relays Capable of Switching 400 V 15 A DC loads
logo
Littelfuse
0242.100UA1 LITTELFUSE-0242.100UA1 Datasheet
78Kb / 1P
   High interrupting rating
logo
Maxim Integrated Produc...
MAX20754EVKIT MAXIM-MAX20754EVKIT Datasheet
2Mb / 25P
   12V DC power supply capable of delivering 250W at the desired input voltage
2019
logo
Shenzhen Huazhimei Semi...
HM1487 HMSEMI-HM1487 Datasheet
2Mb / 16P
   high efficiency synchronous step-down DC-DC regulator capable of delivering 6A
logo
Advanced Power Electron...
AP9922GEO-HF A-POWER-AP9922GEO-HF Datasheet
102Kb / 4P
   Capable of 1.8V Gate Drive, Optimal DC/DC Battery Application
AP9922AGEO-HF A-POWER-AP9922AGEO-HF Datasheet
63Kb / 4P
   Capable of 1.8V Gate Drive, Optimal DC/DC Battery Application
AP9938GEO-HF A-POWER-AP9938GEO-HF Datasheet
73Kb / 4P
   Capable of 1.8V Gate Drive, Optimal DC/DC Battery Application
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
List of Unclassifed Man...
DUA52C724 ETC2-DUA52C724 Datasheet
54Kb / 2P
   Monitoring Relays DC Under Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com