Electronic Components Datasheet Search |
|
HP2-L-DC100V Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
HP2-L-DC100V Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 7 page HP 2. Specifications Notes: *1. This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the actual load. *2. For the AC coil types, the operate/release time will differ depending on the phase. *3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage conditions in NOTES. 3. Electrical life 1) AC load Note: When the electromagnet or exciting coil (Solenoid, etc.) is the load, the value of motor or lamp load is applicable. 2) DC load Notes: 1. For DC inductive loads, use an arc suppressing circuit. 2. Cautions at DC load use When used under a DC load operating at high repetition rate with considerable arcing, corrosion of the contacts and/or the contact blades is likely to occur. Characteristics Item Specifications Contact Arrangement 2 Form C, 3 Form C, 4 Form C Contact resistance (Initial) Max. 15 m Ω (By voltage drop 6 V DC 1A) Contact material 2 Form C, 3 Form C Ag 4 Form C Ag alloy (cd free) Rating Nominal switching capacity 10A 250V AC (resistive load) Min. switching capacity (Reference value)*1 100mA 5V DC Electrical characteristics Insulation resistance (Initial) Min. 100M Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section. Breakdown voltage (Initial) Between open contacts 1,000 Vrms for 1min (2 Form C, 4 Form C). 2,000 Vrms for 1min (3 Form C) (Detection current: 10mA.) Between contact sets 1,500 Vrms for 1min (2 Form C, 4 Form C). 2,000 Vrms for 1min (3 Form C) (Detection current: 10mA.) Between contact and coil 1,500 Vrms for 1min (2 Form C, 4 Form C). 2,000 Vrms for 1min (3 Form C) (Detection current: 10mA.) Temperature rise (coil) Max. 65 °C 149°F (By temperature method, at 40°C, nominal current) Operate time*2 Max. 25ms (2 Form C), Max.30ms (3 Form C, 4 Form C) (Nominal coil voltage applied to the coil, excluding contact bounce time.) Release time*2 Max. 25ms (2 Form C), Max.30ms (3 Form C, 4 Form C) (Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode) Mechanical characteristics Shock resistance Functional Min. 98 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10 µs.) Destructive Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.) Vibration resistance Functional 10 to 55 Hz at double amplitude of 1 mm (Detection time: 10 µs.) Destructive 10 to 55 Hz at double amplitude of 2 mm Expected life Mechanical Min. 107 Conditions Conditions for operation, transport and storage*3 Ambient temperature: –50 °C to +40°C –58°F to +104°F Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature) Max. Operating speed 20 times/min. (at max. rating) Unit weight 2 Form C: approx. 60g 2.12oz, 3 Form C: approx. 100g 3.53oz, 4 Form C: approx. 125g 4.41oz Voltage 125V AC 250V AC Expected life Load Resistive load (A) (cos ϕ=1) Inductive load (A) (cos ϕ=0.4) Resistive load (A) (cos ϕ=1) Inductive load (A) (cos ϕ=0.4) Current —— 10 7.5 Min. 2 ×105 10 7.5 7.5 5 Min. 5 ×105 5332 Min. 106 1 0.7 0.6 0.4 Min. 2 ×106 Voltage 24V DC 125V DC Expected life Load Resistive load (A) Inductive load (A) Resistive load (A) Inductive load (A) Current —7— — Min. 2 ×105 7.5 5 0.5 0.4 Min. 5 ×105 53 0.3 0.2 Min. 106 1 0.6 0.1 0.06 Min. 2 ×106 ASCTB81E 201201-T Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e |
Similar Part No. - HP2-L-DC100V |
|
Similar Description - HP2-L-DC100V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |