Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9YAT-12S-45 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G9YAT-12S-45
Description  High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9YAT-12S-45 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G9YAT-12S-45 Datasheet HTML 1Page - Omron Electronics LLC G9YAT-12S-45 Datasheet HTML 2Page - Omron Electronics LLC G9YAT-12S-45 Datasheet HTML 3Page - Omron Electronics LLC G9YAT-12S-45 Datasheet HTML 4Page - Omron Electronics LLC G9YAT-12S-45 Datasheet HTML 5Page - Omron Electronics LLC G9YAT-12S-45 Datasheet HTML 6Page - Omron Electronics LLC G9YAT-12S-45 Datasheet HTML 7Page - Omron Electronics LLC G9YAT-12S-45 Datasheet HTML 8Page - Omron Electronics LLC G9YAT-12S-45 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Coaxial Switch
G9YA
359
DISCONTINUED
Specifications
■ Indicator Ratings, SPDT Models
Note: 1. The above values are initial values.
2. The contact resistance was measured with 10 mA at 1 VDC with a voltage drop method.
■ High-frequency Characteristics
Note: 1. The above values are initial values.
2. Of the above values, the rated values are 18 GHz max. for the 18-GHz models and 26.5 GHz max. for the 26.5-GHz models.
■ Coil / Input Ratings
Note:
An extra 140 to 300 mW of power consumption is added to models with indicator terminals, due to the operating coil and voltage specifications.
Failsafe Models (G9YA-12S-45(35))
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil instantaneously.
Dual Coil Latching Models (G9YAK-12S-45(35))
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil instantaneously.
TTL-driven Dual Coil Latching Models (G9YAT-12S-45(35))
Rating
100 mA max. at 30 V
Contact resistance
1
Ω max. (See note 2.)
Frequency
Item
1 GHz max.
4 GHz max.
8 GHz max.
12.4 GHz max.
18 GHz max.
26.5 GHz max.
Insertion loss
0.2 dB max.
0.3 dB max.
0.4 dB max.
0.5 dB max.
0.8 dB max.
Isolation
85 dB min.
80 dB min.
70 dB min.
65 dB min.
60 dB min.
V.S.W.R.
1.1 max.
1.15 max.
1.25 max.
1.35 max.
1.5 max.
1.7 max.
Rated voltage
(VDC)
Rated current
(mA)
Coil resistance
(W)
Must operate voltage
(V)
Must release voltage
(V)
Maximum voltage
(V)
Power consumption
(mW)
4.5
155.2
29
80% max. of
rated voltage
10% min. of
rated voltage
150% of rated voltage Approx. 700
12
58.5
205
15
46.7
321
24
29.2
822
28
25.0
1,118
Rated voltage
(VDC)
Rated current
(mA)
Coil resistance
(W)
Must operate voltage
(V)
Must release voltage
(V)
Maximum voltage
(V)
Power consumption
(mW)
4.5
109.8
41
80% max. of
rated voltage
80% max. of
rated voltage
150% of
rated voltage
Approx. 500 mW
12
41.7
288
15
33.3
450
24
20.8
1,152
28
17.9
1,568
Rated voltage
(VDC)
TTL logic level
Electronic self cut-off
Switching frequency
ON
OFF
5 VDC
2.4 to 5.5 V
0 to 0.5 V
Yes
180 operations per
minute max.
(ON time: OFF time = 1:1)
12 VDC
15 VDC
24 VDC


Similar Part No. - G9YAT-12S-45

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YAT-12S-45 OMRON-G9YAT-12S-45 Datasheet
708Kb / 10P
   Coaxial Switch
G9YAT-12S-45 OMRON-G9YAT-12S-45 Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
G9YAT-12S-45-C OMRON-G9YAT-12S-45-C Datasheet
708Kb / 10P
   Coaxial Switch
G9YAT-12S-45-C OMRON-G9YAT-12S-45-C Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
G9YAT-12S-45-CD OMRON-G9YAT-12S-45-CD Datasheet
708Kb / 10P
   Coaxial Switch
More results

Similar Description - G9YAT-12S-45

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YA12S45PDC24 OMRON-G9YA12S45PDC24 Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
logo
Filtronic Compound Semi...
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Keysight Technologies
N2809A KEYSIGHT-N2809A Datasheet
1Mb / 11P
   Bandwidths up to 33 GHz
logo
NIHON DEMPA KOGYO
2725T NDK-2725T Datasheet
89Kb / 1P
   High Frequency-supporting Type
2725T_18_03 NDK-2725T_18_03_27 Datasheet
876Kb / 1P
   High Frequency-supporting Type
logo
CRYSTEK CORPORATION
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
   26.5 GHz Low Loss Coaxial Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com