Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2R-087P Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # P2R-087P
Description  A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2R-087P Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button P2R-087P Datasheet HTML 3Page - Omron Electronics LLC P2R-087P Datasheet HTML 4Page - Omron Electronics LLC P2R-087P Datasheet HTML 5Page - Omron Electronics LLC P2R-087P Datasheet HTML 6Page - Omron Electronics LLC P2R-087P Datasheet HTML 7Page - Omron Electronics LLC P2R-087P Datasheet HTML 8Page - Omron Electronics LLC P2R-087P Datasheet HTML 9Page - Omron Electronics LLC P2R-087P Datasheet HTML 10Page - Omron Electronics LLC P2R-087P Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
G2R
G2R
CSA 22.2 No.0, No.14 (File No. LR31928)
SEV
SEMKO
TÜV (IEC 255)
VDE (IEC 255, VDE 0435), IMQ
Model
Contact form
Coil ratings
Contact ratings
G2R-1
G2R-14
G2R-1-H
G2R-1-S
G2R-1-T
SPDT
3 to 110 VDC
3 to 240 VAC
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
T-3 (NO contact only)
G2R-1A
G2R-1A4
G2R-1A-H
G2R-1A-S
G2R-1A-T
SPST-NO
G2R-1-E
SPDT
16 A, 30 VDC (resistive, N.O only)
16 A, 250 VAC (general use, NO contact only)
TV-3 (NO contact only)
G2R-1A-E
SPST-NO
G2R-2
G2R-24
G2R-2-H
G2R-2-S
DPDT
5 A, 30 VDC (resistive)
5 A, 250 VAC (general use)
TV-3 (NO contact only)
G2R-2A
G2R-2A4
G2R-2A-H
G2R-2A-S
DPST-NO
G2R-1A-ASI
SPST-NO
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
TV-8 (NO contact only); 1/4 hp, 125 VAC
Contact form
Coil ratings
Contact ratings
1 pole
3 to 110 VDC
3 to 240 VAC
16 A, 250 VAC1 (AgSnIn contact)
16 A, 30 VDC1 (AgSnIn contact)
10 A, 250 VAC1
5 A, 250 VAC3
10 A, 30 VDC1
2 poles
3 to 110 VDC
3 to 240 VAC
5 A, 250 VAC1
2 A, 380 VAC1
5 A, 30 VDC1
Contact form
Coil ratings
Contact ratings
1 pole
3 to 110 VDC
6 to 240 VAC
10/80 A, 250 VAC
3/100 A, 250 VAC
16/128 A, 250 VAC (AgSnIn contact)
2 poles
5/40 A, 250 VAC
Contact form
Coil ratings
Contact ratings
1 pole
3 to 110 VDC, 6 VAC to 240 VAC
(for Standard coil)
3 to 48 VDC (for K, U coil)
3 to 70 VDC (for H coil)
10 A, 250 VAC (cos
f = 1.0)
10 A, 30 VDC (0 ms)
16 A, 250 VAC (cos
f = 1.0) (AgSnIn contact)
2 poles
8 A, 250 VAC (cos
f = 0.4)
5 A, 250 VAC (cos
f =1.0)
5 A, 30 VDC (0 ms)
2.5 A, 250 VAC (cos
f = 0.4)
Contact form
Coil ratings
Contact ratings
1 pole
5, 6, 9, 12, 18, 24, 48, 60, 100, 110 VDC
12, 18, 24, 48, 50, 100/(110), 110, 120, 200/(220), 220, 230,
240 VAC
10 A, 250 VAC (cos
f = 1.0)
10 A, 30 VDC (0 ms)
16 A, 250 VAC (cos
f = 1.0)
2 poles
5, 6, 9, 12, 18, 24, 48, 60, 100, 110 VDC
12, 18, 24, 48, 50, 100/(110), 110, 120, 200/(220), 220, 230,
240 VAC
5 A, 250 VAC (cos
f =1.0)
5 A, 30 VDC (0 ms)


Similar Part No. - P2R-087P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P2R-087P OMRON-P2R-087P Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
P2R-087P OMRON-P2R-087P Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
More results

Similar Description - P2R-087P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com