Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75939S3ST Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # HUF75939S3ST
Description  22A, 200V, 0.125 Ohm, N-Channel, UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF75939S3ST Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button HUF75939S3ST Datasheet HTML 2Page - Fairchild Semiconductor HUF75939S3ST Datasheet HTML 3Page - Fairchild Semiconductor HUF75939S3ST Datasheet HTML 4Page - Fairchild Semiconductor HUF75939S3ST Datasheet HTML 5Page - Fairchild Semiconductor HUF75939S3ST Datasheet HTML 6Page - Fairchild Semiconductor HUF75939S3ST Datasheet HTML 7Page - Fairchild Semiconductor HUF75939S3ST Datasheet HTML 8Page - Fairchild Semiconductor HUF75939S3ST Datasheet HTML 9Page - Fairchild Semiconductor HUF75939S3ST Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUF75939P3, HUF75939S3ST Rev. B
SABER Electrical Model
REV 10 October 2000
template huf75939 n2,n1,n3
electrical n2,n1,n3
{
var i iscl
dp..model dbodymod = (isl = 1.2e-12, rs=5.5e-3, trs1=1e-5, trs2=8e-6, cjo = 12.5e-10, m=0.42, tt = 1e-7, xti = 5.5)
dp..model dbreakmod = (rs=2.5, trs1=1e-3, trs2=-8.9e-6)
dp..model dplcapmod = (cjo = 2.5e-9, isl =10e-30, nl=10, m = 0.9)
m..model mmedmod = (type=_n, vto = 3.14, kp = 5, is = 1e-30, tox = 1)
m..model mstrongmod = (type=_n, vto = 3.68, kp = 100, is = 1e-30, tox = 1)
m..model mweakmod = (type=_n, vto = 2.76, kp = 0.05, is = 1e-30, tox = 1, rs = 0.1)
sw_vcsp..model s1amod = (ron = 1e-5, roff = 0.1, von = -8.5, voff = -1)
sw_vcsp..model s1bmod = (ron =1e-5, roff = 0.1, von = -1, voff = -8.5)
sw_vcsp..model s2amod = (ron = 1e-5, roff = 0.1, von = -0.1, voff = 0.2)
sw_vcsp..model s2bmod = (ron = 1e-5, roff = 0.1, von = 0.2, voff = -0.1)
c.ca n12 n8 = 3.6e-9
c.cb n15 n14 = 3.5e-9
c.cin n6 n8 = 2e-9
dp.dbody n7 n5 = model=dbodymod
dp.dbreak n5 n11 = model=dbreakmod
dp.dplcap n10 n5 = model=dplcapmod
i.it n8 n17 = 1
l.ldrain n2 n5 = 1e-9
l.lgate n1 n9 = 5.78e-9
l.lsource n3 n7 = 3.92e-9
m.mmed n16 n6 n8 n8 = model=mmedmod, l=1u, w=1u
m.mstrong n16 n6 n8 n8 = model=mstrongmod, l=1u, w=1u
m.mweak n16 n21 n8 n8 = model=mweakmod, l=1u, w=1u
res.rbreak n17 n18 = 1, tc1 = 1.52e-3, tc2 = -2e-7
res.rdrain n50 n16 = 83.5e-3, tc1 = 9.8e-3, tc2 = 2.6e-5
res.rgate n9 n20 = 7.6e-1
res.rldrain n2 n5 = 10
res.rlgate n1 n9 = 57.8
res.rlsource n3 n7 = 39.2
res.rslc1 n5 n51 = 1e-6, tc1 = 3e-3, tc2 = 1e-6
res.rslc2 n5 n50 = 1e3
res.rsource n8 n7 = 10e-3, tc1 = 1e-3, tc2 = 1e-6
res.rvtemp n18 n19 = 1, tc1 = -2.8e-3, tc2 = 1.7e-6
res.rvthres n22 n8 = 1, tc1 = -2.3e-3, tc2 = -1.3e-5
spe.ebreak n11 n7 n17 n18 = 225
spe.eds n14 n8 n5 n8 = 1
spe.egs n13 n8 n6 n8 = 1
spe.esg n6 n10 n6 n8 = 1
spe.evtemp n20 n6 n18 n22 = 1
spe.evthres n6 n21 n19 n8 = 1
sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod
sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod
sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod
sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod
v.vbat n22 n19 = dc=1
equations {
i (n51->n50) +=iscl
iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/38))** 2.5))
}
}
18
22
+
-
6
8
+
-
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ISCL
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
HUF75939P3, HUF75939S3ST


Similar Part No. - HUF75939S3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75925D3ST FAIRCHILD-HUF75925D3ST Datasheet
196Kb / 10P
   11A, 200V, 0.275 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75925P3 FAIRCHILD-HUF75925P3 Datasheet
196Kb / 10P
   11A, 200V, 0.275 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75945G3 FAIRCHILD-HUF75945G3 Datasheet
209Kb / 10P
   38A, 200V, 0.071 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75945P3 FAIRCHILD-HUF75945P3 Datasheet
209Kb / 10P
   38A, 200V, 0.071 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75945S3ST FAIRCHILD-HUF75945S3ST Datasheet
209Kb / 10P
   38A, 200V, 0.071 Ohm, N-Channel, UltraFET Power MOSFETs
More results

Similar Description - HUF75939S3ST

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75623P3 INTERSIL-HUF75623P3 Datasheet
99Kb / 9P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFET
logo
Unisonic Technologies
22N20 UTC-22N20 Datasheet
189Kb / 6P
   22A, 200V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
HUFA76413P3 FAIRCHILD-HUFA76413P3 Datasheet
207Kb / 10P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF75623P3 FAIRCHILD-HUF75623P3 Datasheet
199Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75623P3 FAIRCHILD-HUFA75623P3 Datasheet
199Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76413P3 INTERSIL-HUF76413P3 Datasheet
105Kb / 9P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75925P3 FAIRCHILD-HUF75925P3 Datasheet
196Kb / 10P
   11A, 200V, 0.275 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75945G3 FAIRCHILD-HUF75945G3 Datasheet
209Kb / 10P
   38A, 200V, 0.071 Ohm, N-Channel, UltraFET Power MOSFETs
FDMS3572 FAIRCHILD-FDMS3572 Datasheet
562Kb / 7P
   N-Channel UltraFET Trench MOSFET 80V, 22A, 16.5mOHM
FDMS3572 FAIRCHILD-FDMS3572_07 Datasheet
521Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 80V, 22A, 16.5m?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com