Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4-H-DC48V Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # HC4-H-DC48V
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC4-H-DC48V Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button HC4-H-DC48V Datasheet HTML 6Page - Panasonic Semiconductor HC4-H-DC48V Datasheet HTML 7Page - Panasonic Semiconductor HC4-H-DC48V Datasheet HTML 8Page - Panasonic Semiconductor HC4-H-DC48V Datasheet HTML 9Page - Panasonic Semiconductor HC4-H-DC48V Datasheet HTML 10Page - Panasonic Semiconductor HC4-H-DC48V Datasheet HTML 11Page - Panasonic Semiconductor HC4-H-DC48V Datasheet HTML 12Page - Panasonic Semiconductor HC4-H-DC48V Datasheet HTML 13Page - Panasonic Semiconductor HC4-H-DC48V Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HC
3. Keep relay
1) Coil data
(1) AC coils (50/60Hz)
(2) DC coils
Notes: 1. The allowable coil resistance range is
±10% when within 1,000Ω and ±15% when. 1,000Ω or higher.
2. The maximum applied voltage is the maximum voltage fluctuation value for the coil power supply. This value is not a permissible value for continuous operation.
(This value differs depending on the ambient temperature. Please contact us for details.)
2) Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Other specifications are same as standard type HC relay. Please see the standard type HC relay.
*3. Please maintain (reset) the relay more than once a year. Leaving it in the set position for long periods of time will cause the magnet to attenuate over the years.
This will decrease the holding power and cause failure of the set position.
4. With diode type (For DC)
1) Coil data
Same coil data as HC relay standard type for DC. Please refer to standard type information.
Please connect DC coil type built-in diode correctly by verifying the coil polarity.
2) Specifications
Notes: Other specifications are same as standard type HC relay. Please see the standard type HC relay.
* The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
5. With CR circuit type
1) Coil data
Same coil data as HC relay standard type for AC. Please refer to standard type information.
2) Specifications
Notes: Other specifications are same as standard type HC relay. Please see the standard type HC relay.
* The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
Contact
arrangement
Nominal
coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating current
[
±10%] (at 20°C 68°F)
Nominal operating power
Max. applied
voltage
(at 50
°C 122°F)
Set coil
Reset coil
Set coil
Reset coil
2 Form C
6V AC
80%V or less of
nominal voltage
(Initial)
80%V or less of
nominal voltage
(Initial)
206mA
103mA
1.23VA
0.62VA
110%V of
nominal voltage
12V AC
100mA
52mA
1.20VA
0.62VA
24V AC
51mA
21.4mA
1.22VA
0.51VA
48V AC
25.2mA
18.5mA
1.20VA
0.88VA
100V AC
13.3mA
7.1mA
1.33VA
0.71VA
Contact
arrangement
Nominal
coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating power
Max. applied
voltage
(at 50
°C 122°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
2 Form C
6V DC
80%V or less of
nominal voltage
(Initial)
80%V or less of
nominal voltage
(Initial)
207mA
107mA
29
56
1.24W
0.64W
110%V of
nominal voltage
12V DC
100mA
52.2mA
120
230
1.20W
0.63W
24V DC
51.1mA
25.5mA
470
941
1.23W
0.61W
48V DC
25.3mA
13.7mA
1,897
3,504
1.21W
0.66W
100V DC
15.6mA
5.8mA
6,410
17,241
1.56W
0.58W
Characteristics
Item
Specifications
Contact
Contact resistance (Initial)
Max. 50 m
Ω (By voltage drop 6 V DC 1A)
Rating
Nominal switching capacity (resistive load)
3A 250V AC
Max. switching power (resistive load)
750VA
Max. switching current
3A
Nominal operating power
Set coil: 1.20VA to 1.33VA; Reset coil: 0.51VA to 0.88VA
Min. switching capacity (Reference value)*1
100
µA 100mV DC
Electrical
characteristics
Breakdown voltage (Initial)
Between contact and coil
1,500 Vrms for 1min.
Temperature rise (coil)
Set coil: Max. 80
°C 176°F; Reset coil: Max. 50°C 122°F (at nominal coil voltage)
Set time/Reset time (at 20
°C 68°F)
Approx. 20ms/30ms (at nominal coil voltage)
Mechanical
characteristics
Shock resistance
Functional
Min. 98m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Expected life
Mechanical
Min. 107 (at 180 times/min.)
Electrical
Min. 2
×105 rated load (at 20 times/min.)
Conditions
Ambient temperature
–40
°C to +50°C –40°F to +122°F (Not freezing and condensing at low temperature)
Characteristics
Item
Specifications
Conditions
Conditions for operation, transport and storage*
Ambient temperature: –50
°C to +60°C –58°F to +140°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Characteristics
Item
Specifications
Electrical characteristics
Temperature rise (coil)
Max. 90
°C 194°F (By resistive method, nominal voltage, rated current at 60°C 140°F)
Conditions
Conditions for operation, transport and storage*
Ambient temperature: –50
°C to +60°C –58°F to +140°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
ASCTB4E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HC4-H-DC48V

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HC4-3 PANDUIT-HC4-3 Datasheet
59Kb / 1P
   TWO-WAY CONNECTOR PREMIUM TYPE HC CUSTOMER DRAWING
logo
Intersil Corporation
HC4-55564/883 INTERSIL-HC4-55564/883 Datasheet
127Kb / 5P
   Continuously Variable Slope Delta-Modulator (CVSD)
More results

Similar Description - HC4-H-DC48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com