Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9YA-12S-45-PND Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9YA-12S-45-PND
Description  High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9YA-12S-45-PND Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9YA-12S-45-PND Datasheet HTML 1Page - Omron Electronics LLC G9YA-12S-45-PND Datasheet HTML 2Page - Omron Electronics LLC G9YA-12S-45-PND Datasheet HTML 3Page - Omron Electronics LLC G9YA-12S-45-PND Datasheet HTML 4Page - Omron Electronics LLC G9YA-12S-45-PND Datasheet HTML 5Page - Omron Electronics LLC G9YA-12S-45-PND Datasheet HTML 6Page - Omron Electronics LLC G9YA-12S-45-PND Datasheet HTML 7Page - Omron Electronics LLC G9YA-12S-45-PND Datasheet HTML 8Page - Omron Electronics LLC G9YA-12S-45-PND Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
358
Coaxial Switch
G9YA
DISCONTINUED
■ List of Models
Standard SPDT Models with Soldering Terminals
Standard SPDT Models with Pin Terminals
Standard SPDT Models with Connector Cables
Note: Versions with 18-GHz operation are available. Replace "-45" with "-35" when ordering.
-- Example: Order G9YA-12S-35-PND DC12 instead of G9YA-12S-45-PND DC12.
Classification
Indicator terminals Data package
Rated coil voltage
Minimum packaging unit
Model
Failsafe
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YA-12S-45
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-D
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-N
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-ND
Dual coil
latching
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YAK-12S-45
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-D
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-N
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-ND
TTL-driven dual
coil latching
(with self cut-off
function)
No
No
5, 12, 15, and 24 VDC
One per box
G9YAT-12S-45
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-D
Yes
No
5, 12, 15, and 24 VDC
G9YAT-12S-45-N
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-ND
Classification
Indicator terminals Data package
Rated coil voltage
Minimum packaging unit
Model
Failsafe
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YA-12S-45-P
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-PD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-PN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-PND
Dual coil
latching
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YAK-12S-45-P
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-PD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-PN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-PND
TTL-driven dual
coil latching
(with self cut-off
function)
No
No
5, 12, 15, and 24 VDC
One per box
G9YAT-12S-45-P
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-PD
Yes
No
5, 12, 15, and 24 VDC
G9YAT-12S-45-PN
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-PND
Classification
Indicator terminals Data package
Rated coil voltage
Minimum packaging unit
Model
Failsafe
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YA-12S-45-C
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-CD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-CN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-CND
Dual coil
latching
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YAK-12S-45-C
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-CD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-CN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-CND
TTL-driven dual
coil latching
(with self cut-off
function)
No
No
5, 12, 15, and 24 VDC
One per box
G9YAT-12S-45-C
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-CD
Yes
No
5, 12, 15, and 24 VDC
G9YAT-12S-45-CN
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-CND


Similar Part No. - G9YA-12S-45-PND

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YA-12S-45-PND OMRON-G9YA-12S-45-PND Datasheet
708Kb / 10P
   Coaxial Switch
G9YA-12S-45-PND OMRON-G9YA-12S-45-PND Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
More results

Similar Description - G9YA-12S-45-PND

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YA12S45PDC24 OMRON-G9YA12S45PDC24 Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
logo
Filtronic Compound Semi...
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Keysight Technologies
N2809A KEYSIGHT-N2809A Datasheet
1Mb / 11P
   Bandwidths up to 33 GHz
logo
NIHON DEMPA KOGYO
2725T NDK-2725T Datasheet
89Kb / 1P
   High Frequency-supporting Type
2725T_18_03 NDK-2725T_18_03_27 Datasheet
876Kb / 1P
   High Frequency-supporting Type
logo
CRYSTEK CORPORATION
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
   26.5 GHz Low Loss Coaxial Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com