Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VS-09024S Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S8VS-09024S
Description  Switch Mode Power Supply
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-09024S Datasheet(HTML) 4 Page - Omron Electronics LLC

  S8VS-09024S Datasheet HTML 1Page - Omron Electronics LLC S8VS-09024S Datasheet HTML 2Page - Omron Electronics LLC S8VS-09024S Datasheet HTML 3Page - Omron Electronics LLC S8VS-09024S Datasheet HTML 4Page - Omron Electronics LLC S8VS-09024S Datasheet HTML 5Page - Omron Electronics LLC S8VS-09024S Datasheet HTML 6Page - Omron Electronics LLC S8VS-09024S Datasheet HTML 7Page - Omron Electronics LLC S8VS-09024S Datasheet HTML 8Page - Omron Electronics LLC S8VS-09024S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
S8VS
4
Specifications
Ratings/Characteristics
*1. Do not use an inverter output for the Power Supply. Inverters with an output frequency of 50/60 Hz are available, but the rise in the internal
temperature of the Power Supply may result in ignition or burning.
*2. For a cold start at 25
°C. Refer to Engineering Data on page 18 for details.
*3. If the output voltage adjuster (V. ADJ) is turned, the voltage will increase by more than +15% of the voltage adjustment range. When adjusting
the output voltage, confirm the actual output voltage from the Power Supply and be sure that the load is not damaged.
*4. To reset the protection, turn OFF the input power for three minutes or longer and then turn it back ON.
*5. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Power ratings
15 W
30 W
Item
Output voltage
5 V
12 V
24 V
5 V
12 V
24 V
Efficiency
With 100-VAC input
74% typical
79% typical
83% typical
74% typical
81% typical
85% typical
With 200-VAC input
73% typical
78% typical
80% typical
74% typical
80% typical
86% typical
Input
Voltage
*1
100 to 240 VAC (allowable range: 85 to 264 VAC, 80 to 370 VDC
*5)
Frequency
*1
50/60 Hz (47 to 450 Hz)
Current
With 100-VAC input
0.45 A max., 0.34 A typical
0.9 A max., 0.66 A typical
With 200-VAC input
0.25 A max., 0.22 A typical
0.6 A max., 0.4 A typical
Power factor
---
Harmonic current regulation
Conforms to EN61000-3-2
Leakage current
With 100-VAC input
0.5 mA max.
With 200-VAC input
1.0 mA max.
Inrush current
*2
With 100-VAC input
17.5 A max., 14 A typical
With 200-VAC input
35 A max., 28 A typical
Output
Voltage adjustment range
*3
−10% to 15% (with V.ADJ)
Ripple noise voltage (at rated I/O)
60 mV max.
70 mV max.
60 mV max.
60 mV max.
90 mV max.
150 mV max.
Input variation influence
0.5% max. (at 85- to 264-VAC input, 100% load)
Load variation influence
(rated input voltage)
2.0% max. (5 V), 1.5% max. (12 V, 24 V), (with rated input, 0 to 100% load)
Temperature variation influence
0.05%/
°C max.
Startup time
(at rated I/O)
*2
With 100-VAC input
580 ms typical
530 ms typical
600 ms typical
500 ms typical
560 ms typical
560 ms typical
With 200-VAC input
340 ms typical
360 ms typical
400 ms typical
360 ms typical
380 ms typical
400 ms typical
Output hold time
(at rated I/O)
*2
With 100-VAC input
39 ms typical
27 ms typical
28 ms typical
31 ms typical
22 ms typical
31 ms typical
With 200-VAC input
187 ms typical
134 ms typical
134 ms typical
174 ms typical
123 ms typical
140 ms typical
Additional
functions
Overload protection
*2
The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Overvoltage protection
*2
Yes
*4
Output voltage indication
No
Output current indication
No
Peak-hold current indication
No
Maintenance forecast monitor indication
No
Maintenance forecast monitor output
No
Total run time monitor indication
No
Total run time monitor output
No
Undervoltage alarm indication
Yes (color: red)
Undervoltage alarm output
No
Parallel operation
No
Series operation
Models with 24-V output: Possible for up to 2 Power Supplies (with external diode)
Models with 5- or 12-V output: Not possible
Other
Operating ambient temperature
Refer to the derating curve in Engineering Data. (with no icing or condensation)
Storage temperature
−25 to 65°C
Operating ambient humidity
25% to 85% (Storage humidity: 25% to 90%)
Dielectric strength
3.0 kVAC for 1 min. (between all inputs and outputs; detection current: 20 mA)
2.0 kVAC for 1 min. (between all inputs and PE terminals; detection current: 20 mA)
1.0 kVAC for 1 min. (between all outputs and PE terminals; detection current: 20 mA)
Insulation resistance
100 M
Ω min. (between all outputs and all inputs/ PE terminals) at 500 VDC
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 h each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in ±X, ±Y, and ±Z directions
Output indicator
Yes (color: green)
EMI
Conducted
Emissions
Conforms to EN61204-3 EN55011 Class B and based on FCC Class A
Radiated Emissions
Conforms to EN61204-3 EN55011 Class B
EMS
Conforms to EN61204-3 high severity levels
Approved standards
UL Listed: UL508 (Listing, Class2 Output: Per 1310)
UL UR: UL60950-1 (Recognition)
cUL: CSA C22.2 No.107.1 (Class2 Output: Per CSA C22.2 No.223)
cUR: CSA C22.2 No.60950-1
EN/VDE: EN50178 (=VDE0160), EN60950-1 (=VDE0805 Teil1)
SEMI
F47-0706 (With 200-VAC input)
Weight
160 g max.
180 g max.


Similar Part No. - S8VS-09024S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-09024 OMRON-S8VS-09024 Datasheet
760Kb / 24P
   Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
S8VS-09024A OMRON-S8VS-09024A Datasheet
760Kb / 24P
   Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
S8VS-09024B OMRON-S8VS-09024B Datasheet
760Kb / 24P
   Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
S8VS-09024BE OMRON-S8VS-09024BE Datasheet
1Mb / 6P
   Greater Simplicity for Power Supply Visualization
More results

Similar Description - S8VS-09024S

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com