Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2036-07-BFLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2036-07-BFLF
Description  Balanced Mini-TRIGARD 5 mm diameter, 7.5 mm long
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-07-BFLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2036-07-BFLF Datasheet HTML 1Page - Bourns Electronic Solutions 2036-07-BFLF Datasheet HTML 2Page - Bourns Electronic Solutions 2036-07-BFLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Balanced Mini-TRIGARD™
5 mm diameter, 7.5 mm long
UL Recognized
RoHS compliant* versions available
Applications
Telecommunications
Industrial electronics
Commercial electronics
Consumer electronics
Automotive, aircraft, military electronics
Characteristics
2036 Series - Miniature 3-Pole Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12, IEEE C62.31
Characteristic
Model No.
2036-07
2036-09
2036-15
2036-20
2036-23
2036-25
DC Sparkover ±20 % @ 100 V/s
75 V
90 V
150 V
200 V
230 V
250V
Impulse Sparkover
100 V/µs
1000 V/µs
250 V
525 V
250 V
550 V
350 V
500 V
425 V
575 V
450 V
600 V
475 V
625 V
Impulse Transverse Delay ..................100 V/µs ................................................................................. < 75 ns
Insulation Resistance .........................100 V (50 V for Model 2036–07 & 2036-09)........................... > 1010 Ω
Glow Voltage ......................................10 mA ..................................................................................... ~ 70 V
Arc Voltage .........................................1 A .......................................................................................... ~ 10 V
Glow-Arc Transition Current ............................................................................................................... < 0.5 A
Capacitance........................................1 MHz ..................................................................................... < 2 pF
DC Holdover Voltage1 .......................135 V, (52 V for Model 2036-07 & 2036-09, ........................... < 150 ms
80 V for Model 2036-15)
Impulse Discharge Current.................20000 A, 8/20 µs2................................................................... 1 operation minimum
10000 A, 8/20 µs .................................................................... > 10 operations
2000 A, 10/350 µs .................................................................. 1 operation
200 A, 10/1000 µs ................................................................. > 300 operations
200 A, 10/700 µs ................................................................... > 500 operations
Alternating Discharge Current ............20 Arms, 1 s2.......................................................................... 1 operation minimum
10 Arms, 1 s ........................................................................... > 10 operations
Operating Temperature.......................................................................................................................
-55 to +85 °C
Climatic Category (IEC 60068-1)........................................................................................................ 40/90/21
Optional Switch-Grade Fail-Short device available.
Notes:
• UL recognized component, UL File E153537.
• No model number marking on tube; date code and voltage only: month year digits, xxxV (e.g. 0209 400V).
• The rated discharge current for Mini-TRIGARD™ Gas Discharge Tubes is the total current equally divided between each line to
ground.
• Sparkover limits after life ±25 %, IR >108Ω (-25 %,+30 % for Model 2036-07, 2036-09 and 2036-60).
• Operating characteristics per RUS PE-80 and Telcordia GR 1361 available, contact factory.
• Line to Line voltage is approximately 1.8 to 2 times the stated Line to Ground breakdown voltage.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
1 Network applied.
2 DC Sparkover may exceed ±25 % after discharge, but will continue to protect without venting.
Characteristic
Model No.
2036-30
2036-35
2036-40
2036-42
2036-47
2036-60
DC Sparkover ±20 % @ 100 V/s
300 V
350 V
400 V
420 V
470 V
600 V
Impulse Sparkover
100 V/µs
1000 V/µs
500 V
650 V
600 V
750 V
650 V
825 V
675 V
850 V
750 V
950 V
850 V
1100 V


Similar Part No. - 2036-07-BFLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-07-BFLF BOURNS-2036-07-BFLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
More results

Similar Description - 2036-07-BFLF

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPC1 VECTRON-VPC1 Datasheet
70Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Vectron International, ...
VCC1FIB3 VECTRON-VCC1FIB3 Datasheet
125Kb / 1P
   VCC1 FIB3 7.5 x 5 mm Crystal Oscillator
logo
Lumberg
3690 LUMBERG-3690 Datasheet
332Kb / 4P
   RAST 7.5 Power connectors, pitch 7.5 mm
3695 LUMBERG-3695 Datasheet
193Kb / 3P
   RAST 7.5 Power connectors, pitch 7.5 mm
logo
PHOENIX CONTACT
2700154 PHOENIX-2700154 Datasheet
47Kb / 2P
   Tube, 1000 mm long, 횠 25 mm
2700157 PHOENIX-2700157 Datasheet
47Kb / 2P
   Tube, 250 mm long, 횠 25 mm
logo
Vishay Siliconix
BFC280811229 VISHAY-BFC280811229 Datasheet
111Kb / 5P
   Ø 7.5 mm Film Dielectric Trimmers
Revision: 20-Jun-13
logo
Schurter Inc.
SDK SCHURTER-SDK Datasheet
252Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com