Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C08C-SSHM-B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C08C-SSHM-B
Description  I2C-Compatible, (2-wire) Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08C-SSHM-B Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C08C-SSHM-B Datasheet HTML 1Page - ATMEL Corporation AT24C08C-SSHM-B Datasheet HTML 2Page - ATMEL Corporation AT24C08C-SSHM-B Datasheet HTML 3Page - ATMEL Corporation AT24C08C-SSHM-B Datasheet HTML 4Page - ATMEL Corporation AT24C08C-SSHM-B Datasheet HTML 5Page - ATMEL Corporation AT24C08C-SSHM-B Datasheet HTML 6Page - ATMEL Corporation AT24C08C-SSHM-B Datasheet HTML 7Page - ATMEL Corporation AT24C08C-SSHM-B Datasheet HTML 8Page - ATMEL Corporation AT24C08C-SSHM-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Atmel AT24C04C/08C [DATASHEET]
8787B–SEEPR–5/12
4.
Memory Organization
Atmel AT24C04C, 4K Serial EEPROM: Internally organized with 32 pages of 16 bytes each, the 4K requires a 9-bit data
word address for random word addressing.
Atmel AT24C08C, 8K Serial EEPROM: Internally organized with 64 pages of 16 bytes each, the 8K requires a 10-bit
data word address for random word addressing.
Table 4-1.
Pin Capacitance(1)
Note:
1. This parameter is characterized and is not 100% tested.
Table 4-2.
DC Characteristics
Note:
1. VIL min and VIH max are reference only and are not tested.
Applicable over recommended operating range from TA = 25°C, f = 1.0MHz, VCC = +1.7V to +5.5V
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V
Applicable over recommended operating range from: TAI = –40°C to +85°C, VCC = +1.7V to +5.5V
(unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.7
5.5
V
VCC2
Supply Voltage
4.5
5.5
V
ICC
Supply Current VCC = 5.0V
Read at 100kHz
0.4
1.0
mA
ICC
Supply Current VCC = 5.0V
Write at 100kHz
2.0
3.0
mA
ISB1
Standby Current VCC = 1.7V
VIN = VCC or VSS
1.0
μA
ISB2
Standby Current VCC = 5.5V
VIN = VCC or VSS
6.0
μA
ILI
Input Leakage Current
VIN = VCC or VSS
0.10
3.0
μA
ILO
Output Leakage Current
VOUT = VCC or VSS
0.05
3.0
μA
VIL
Input Low Level(1)
–0.6
VCC x 0.3
V
VIH
Input High Level(1)
VCC x 0.7
VCC + 0.5
V
VOL2
Output Low Level VCC = 3.0V
IOL = 2.1mA
0.4
V
VOL1
Output Low Level VCC = 1.7V
IOL = 0.15mA
0.2
V


Similar Part No. - AT24C08C-SSHM-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08C-SSHM-T ATMEL-AT24C08C-SSHM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
More results

Similar Description - AT24C08C-SSHM-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
   I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
   I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24CM02 ATMEL-AT24CM02 Datasheet
1Mb / 24P
   I2C-Compatible (2-wire) Serial EEPROM 2-Mbit (262,144 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com