Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF75945S3ST Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HUF75945S3ST
Description  38A, 200V, 0.071 Ohm, N-Channel, UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF75945S3ST Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HUF75945S3ST Datasheet HTML 1Page - Fairchild Semiconductor HUF75945S3ST Datasheet HTML 2Page - Fairchild Semiconductor HUF75945S3ST Datasheet HTML 3Page - Fairchild Semiconductor HUF75945S3ST Datasheet HTML 4Page - Fairchild Semiconductor HUF75945S3ST Datasheet HTML 5Page - Fairchild Semiconductor HUF75945S3ST Datasheet HTML 6Page - Fairchild Semiconductor HUF75945S3ST Datasheet HTML 7Page - Fairchild Semiconductor HUF75945S3ST Datasheet HTML 8Page - Fairchild Semiconductor HUF75945S3ST Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUF75945G3, HUF75945P3, HUF75945S3ST Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
1
10
100
1
10
100
500
500
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
100
µs
10ms
1ms
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
1
10
100
0.001
0.01
0.1
1
200
10
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
25
50
75
23
45
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
25
50
75
0
123
456
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 5V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 38A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
160
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
HUF75945G3, HUF75945P3, HUF75945S3ST


Similar Part No. - HUF75945S3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75925D3ST FAIRCHILD-HUF75925D3ST Datasheet
196Kb / 10P
   11A, 200V, 0.275 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75925P3 FAIRCHILD-HUF75925P3 Datasheet
196Kb / 10P
   11A, 200V, 0.275 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75939P3 FAIRCHILD-HUF75939P3 Datasheet
195Kb / 10P
   22A, 200V, 0.125 Ohm, N-Channel, UltraFET Power MOSFET
HUF75939S3ST FAIRCHILD-HUF75939S3ST Datasheet
195Kb / 10P
   22A, 200V, 0.125 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUF75945S3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76409D3 FAIRCHILD-HUFA76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF75925P3 FAIRCHILD-HUF75925P3 Datasheet
196Kb / 10P
   11A, 200V, 0.275 Ohm, N-Channel, UltraFET Power MOSFETs
RFD12N06RLE FAIRCHILD-RFD12N06RLE Datasheet
215Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76409D3 FAIRCHILD-HUF76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76409D3 INTERSIL-HUF76409D3 Datasheet
335Kb / 9P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76633P3 FAIRCHILD-HUFA76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76633P3 FAIRCHILD-HUF76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76633P3 INTERSIL-HUF76633P3 Datasheet
337Kb / 9P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75939P3 FAIRCHILD-HUF75939P3 Datasheet
195Kb / 10P
   22A, 200V, 0.125 Ohm, N-Channel, UltraFET Power MOSFET
logo
Shindengen Electric Mfg...
P38LF6QL SHINDENGEN-P38LF6QL Datasheet
470Kb / 4P
   Power MOSFETs 60V, 38A, N-channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com