Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76009D3S Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # HUF76009D3S
Description  20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76009D3S Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button HUF76009D3S Datasheet HTML 4Page - Fairchild Semiconductor HUF76009D3S Datasheet HTML 5Page - Fairchild Semiconductor HUF76009D3S Datasheet HTML 6Page - Fairchild Semiconductor HUF76009D3S Datasheet HTML 7Page - Fairchild Semiconductor HUF76009D3S Datasheet HTML 8Page - Fairchild Semiconductor HUF76009D3S Datasheet HTML 9Page - Fairchild Semiconductor HUF76009D3S Datasheet HTML 10Page - Fairchild Semiconductor HUF76009D3S Datasheet HTML 11Page - Fairchild Semiconductor HUF76009D3S Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
HUF76009P3, HUF76009D3S Rev. B
HUF76009P3, HUF76009D3S
TO-252AA
SURFACE MOUNT JEDEC TO-252AA PLASTIC PACKAGE
TO-252AA
16mm TAPE AND REEL
b2
E
D
L3
L
e
b1
b
13
A
L
c
SEATING
BACK VIEW
2
H1
A1
b3
e1
J1
L1
TERM. 4
0.265
MINIMUM PAD SIZE RECOMMENDED FOR
SURFACE-MOUNTED APPLICATIONS
(6.7)
0.265 (6.7)
0.070 (1.8)
0.118 (3.0)
0.063 (1.6) TYP
0.090 (2.3) TYP
PLANE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.086
0.094
2.19
2.38
-
A1
0.018
0.022
0.46
0.55
4, 5
b
0.028
0.032
0.72
0.81
4, 5
b1
0.033
0.045
0.84
1.14
4
b2
0.205
0.215
5.21
5.46
4, 5
b3
0.190
-
4.83
-
2
c
0.018
0.022
0.46
0.55
4, 5
D
0.270
0.295
6.86
7.49
-
E
0.250
0.265
6.35
6.73
-
e
0.090 TYP
2.28 TYP
7
e1
0.180 BSC
4.57 BSC
7
H1
0.035
0.045
0.89
1.14
-
J1
0.040
0.045
1.02
1.14
-
L
0.100
0.115
2.54
2.92
-
L1
0.020
-
0.51
-
4, 6
L2
0.025
0.040
0.64
1.01
3
L3
0.170
-
4.32
-
2
NOTES:
1. These dimensions are within allowable dimensions of Rev. B of
JEDEC TO-252AA outline dated 9-88.
2. L3 and b3 dimensions establish a minimum mounting surface for
terminal 4.
3. Solder finish uncontrolled in this area.
4. Dimension (without solder).
5. Add typically 0.002 inches (0.05mm) for solder plating.
6. L1 is the terminal length for soldering.
7. Position of lead to be measured 0.090 inches (2.28mm) from bottom
of dimension D.
8. Controlling dimension: Inch.
9. Revision 11 dated 1-00.
2.0mm
4.0mm
1.5mm
DIA. HOLE
8.0mm
16mm
USER DIRECTION OF FEED
C
L
1.75mm
330mm
50mm
13mm
22.4mm
16.4mm
COVER TAPE
GENERAL INFORMATION
1. 2500 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.


Similar Part No. - HUF76009D3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76009D3S INTERSIL-HUF76009D3S Datasheet
243Kb / 11P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
More results

Similar Description - HUF76009D3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Fairchild Semiconductor
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
ON Semiconductor
HUFA76429D3ST-F085 ONSEMI-HUFA76429D3ST-F085 Datasheet
420Kb / 11P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
September-2017, Rev. 1
logo
Fairchild Semiconductor
HUFA76429D3ST FAIRCHILD-HUFA76429D3ST Datasheet
352Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFETs
logo
Intersil Corporation
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
Intersil Corporation
RFP45N02L INTERSIL-RFP45N02L Datasheet
78Kb / 8P
   45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com