Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2036-40-BFLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2036-40-BFLF
Description  Balanced Mini-TRIGARD 5 mm diameter, 7.5 mm long
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-40-BFLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2036-40-BFLF Datasheet HTML 1Page - Bourns Electronic Solutions 2036-40-BFLF Datasheet HTML 2Page - Bourns Electronic Solutions 2036-40-BFLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6.2
5.3
0.8
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2036 Series - Miniature 3-Pole Gas Discharge Tube
Product Dimensions
2036-XX-A
2036-XX-B
5.1
0.7 - 1.0
DIA.
DIA.
7.4 - 7.7
2036-XX-B2
4.0
4.4
4.4
0.8
2036-XX-B3
4.0
3.8
3.8
0.8
2036-XX-B9
4.0
9.5
19.0
0.8
4.0
25.0
LONG MIN.
0.8
4.0
25.0
LONG MIN.
Optional
Configuration
2036-XX-B8
4.0
0.8
FAIL-SHORT CONFIGURATION
2036-XX-B2F SHOWN
DIMENSIONS = MILLIMETERS


Similar Part No. - 2036-40-BFLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-40-BFLF BOURNS-2036-40-BFLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
More results

Similar Description - 2036-40-BFLF

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPC1 VECTRON-VPC1 Datasheet
70Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
VPC1-B1B-40M000 VECTRON-VPC1-B1B-40M000 Datasheet
71Kb / 2P
   VPC1 7.5 x 5 mm Crystal Oscillators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Vectron International, ...
VCC1FIB3 VECTRON-VCC1FIB3 Datasheet
125Kb / 1P
   VCC1 FIB3 7.5 x 5 mm Crystal Oscillator
logo
Lumberg
3690 LUMBERG-3690 Datasheet
332Kb / 4P
   RAST 7.5 Power connectors, pitch 7.5 mm
3695 LUMBERG-3695 Datasheet
193Kb / 3P
   RAST 7.5 Power connectors, pitch 7.5 mm
logo
PHOENIX CONTACT
2700154 PHOENIX-2700154 Datasheet
47Kb / 2P
   Tube, 1000 mm long, 횠 25 mm
2700157 PHOENIX-2700157 Datasheet
47Kb / 2P
   Tube, 250 mm long, 횠 25 mm
logo
Vishay Siliconix
BFC280811229 VISHAY-BFC280811229 Datasheet
111Kb / 5P
   Ø 7.5 mm Film Dielectric Trimmers
Revision: 20-Jun-13
logo
Schurter Inc.
SDK SCHURTER-SDK Datasheet
252Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com