Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9YAT-12S-45-CD Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G9YAT-12S-45-CD
Description  High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9YAT-12S-45-CD Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G9YAT-12S-45-CD Datasheet HTML 2Page - Omron Electronics LLC G9YAT-12S-45-CD Datasheet HTML 3Page - Omron Electronics LLC G9YAT-12S-45-CD Datasheet HTML 4Page - Omron Electronics LLC G9YAT-12S-45-CD Datasheet HTML 5Page - Omron Electronics LLC G9YAT-12S-45-CD Datasheet HTML 6Page - Omron Electronics LLC G9YAT-12S-45-CD Datasheet HTML 7Page - Omron Electronics LLC G9YAT-12S-45-CD Datasheet HTML 8Page - Omron Electronics LLC G9YAT-12S-45-CD Datasheet HTML 9Page - Omron Electronics LLC G9YAT-12S-45-CD Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Coaxial Switch
G9YA
DISCONTINUED
OMRON ON-LINE
Global - http://www.omron.com
USA - http://www.components.omron.com
Cat. No. X302-E-1
Printed in USA
OMRON ELECTRONIC
COMPONENTS LLC
55 E. Commerce Drive, Suite B
Schaumburg, IL 60173
847-882-2288
12/10
Specifications subject to change without notice
All sales are subject to Omron Electronic Components LLC standard terms and conditions of sale, which
can be found at http://www.components.omron.com/components/web/webfiles.nsf/sales_terms.html
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


Similar Part No. - G9YAT-12S-45-CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YAT-12S-45-CD OMRON-G9YAT-12S-45-CD Datasheet
708Kb / 10P
   Coaxial Switch
G9YAT-12S-45-CD OMRON-G9YAT-12S-45-CD Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
More results

Similar Description - G9YAT-12S-45-CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YA12S45DC12 OMRON-G9YA12S45DC12 Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
logo
Filtronic Compound Semi...
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Keysight Technologies
N2809A KEYSIGHT-N2809A Datasheet
1Mb / 11P
   Bandwidths up to 33 GHz
logo
NIHON DEMPA KOGYO
2725T NDK-2725T Datasheet
89Kb / 1P
   High Frequency-supporting Type
2725T_18_03 NDK-2725T_18_03_27 Datasheet
876Kb / 1P
   High Frequency-supporting Type
logo
CRYSTEK CORPORATION
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
   26.5 GHz Low Loss Coaxial Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com