Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2008B-xY Datasheet(PDF) 6 Page - ATMEL Corporation

Part # U2008B-xY
Description  Low-cost Phase-control IC with Soft Start
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2008B-xY Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button U2008B-xY Datasheet HTML 2Page - ATMEL Corporation U2008B-xY Datasheet HTML 3Page - ATMEL Corporation U2008B-xY Datasheet HTML 4Page - ATMEL Corporation U2008B-xY Datasheet HTML 5Page - ATMEL Corporation U2008B-xY Datasheet HTML 6Page - ATMEL Corporation U2008B-xY Datasheet HTML 7Page - ATMEL Corporation U2008B-xY Datasheet HTML 8Page - ATMEL Corporation U2008B-xY Datasheet HTML 9Page - ATMEL Corporation U2008B-xY Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
4712B–AUTO–10/05
U2008B
3.
Absolute Maximum Ratings
V
S = 14 V, reference point Pin 4, unless otherwise specified
Parameters
Symbol
Value
Unit
Current limitation Pin 5
t
≤10 µs
-I
S
30
mA
-i
S
100
mA
Synchronous currents Pin 7
t
≤10 µs
±I
syncV
±isyncV
5
20
mA
mA
Phase Control Pin 3
Control voltage
-VI
VS to 0
V
Input current
±II
500
mA
Charge current Pin 6
-Iϕmax
0.5
mA
Load Current Monitoring/Soft Start, Pin 1
Input current
II
1mA
Input voltage
VI
-VS to +2
V
Pulse output
Input voltage Pin 8
+VI
-V
I
2
V
S
V
V
Storage temperature range
T
stg
-40 to +125
° C
Junction temperature range
T
j
-10 to +125
° C
4.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP8
RthJA
110
K/W
SO8 on p.c.
RthJA
220
K/W
So8 on ceramic
RthJA
140
K/W
5.
Electrical Characteristics
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply (Pin 5)
Supply-voltage limitation
-IS = 3.5 mA
-IS = 30 mA
-VS
-VS
14.5
14.6
16.5
16.8
V
V
Current requirement
Pins 1, 4 and 7 open
-IS
3.0
mA
Voltage Monitoring (Pin 5)
Turn-on threshold
-VTON
11.3
12.3
V
Phase Control
Input current
Voltage sync. Pin 7
Current sync. Pin 8
±IsyncV
±I
syncI
3
0.15
2
30
mA
µA
Voltage limitation
±I
L = 2 mA Pin 7
±V
syncV
8.0
8.5
9.0
V
Reference Ramp (see Figure 5-1 on page 7)
Charge current
Pin 7
Iϕ
1
100
µA
Start voltage
Pin 2
-V
max
1.85
1.95
2.05
V


Similar Part No. - U2008B-xY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2008B-XY ATMEL-U2008B-XY Datasheet
341Kb / 13P
   Low-cost Phase-control IC with Soft Start
More results

Similar Description - U2008B-xY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2008B ATMEL-U2008B_07 Datasheet
341Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MFPY ATMEL-U2010B-MFPY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
logo
Skyworks Solutions Inc.
AAT2120 SKYWORKS-AAT2120 Datasheet
1Mb / 19P
   Soft-Start Control
logo
International Rectifier
IR1110 IRF-IR1110 Datasheet
227Kb / 32P
   SOFT START CONTROLLER IC
logo
Orister Corporation
RS2051 ORISTER-RS2051 Datasheet
525Kb / 13P
   Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
IC MICROSYSTEMS
ICM7115 ICMIC-ICM7115 Datasheet
344Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC WITH VOLUME CONTROL
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
   With internal Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com