Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP3-M-AC240V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # HP3-M-AC240V
Description  Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP3-M-AC240V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  HP3-M-AC240V Datasheet HTML 1Page - Panasonic Semiconductor HP3-M-AC240V Datasheet HTML 2Page - Panasonic Semiconductor HP3-M-AC240V Datasheet HTML 3Page - Panasonic Semiconductor HP3-M-AC240V Datasheet HTML 4Page - Panasonic Semiconductor HP3-M-AC240V Datasheet HTML 5Page - Panasonic Semiconductor HP3-M-AC240V Datasheet HTML 6Page - Panasonic Semiconductor HP3-M-AC240V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HP
ORDERING INFORMATION
Relay for control panel of
10A (2c/3c/4c)
HP RELAYS
FEATURES
1. High-capacity and long life
Mechanical life is more than 10 million
operations and, with electrical life of more
than 200,000 operations (resistive load
10 A; inductive load 7.5 A), the relay has
excellent inductive load durability.
2. Easy mounting and wiring
The terminal arrangement is apparent at
a glance and wiring is easy. Moreover,
quick tab terminal is also possible.
3. Operation indicator option
Optional operation indicators are
available for easy visual confirmation that
relays are operating. They simplify
maintenance.
4. Wide range of sockets and terminal
sockets
To enable use with DIN rails, DIN
terminal sockets are also available.
TYPICAL APPLICATIONS
HP relays enjoy wide use in various
applications, particularly in automation
controls and remote controls.
Applications include:
1. Industrial machinery
For controlling positioning, pressure, and
temperature in molding equipment,
boilers, pumps, charging pressure
equipment, measuring and evaluation
equipment, textile machines, etc.
2. Machine tools
Control of positioning and directional
change in turning machines, lathes,
borers, etc.
3. Food processing packing machines
Automatic control of packing equipment
for milk and seafood, bottling, canning,
and packaging
4. Office equipment
Control of copiers, time recorders, etc.
5. Coin operate machines
Control of food, cigarette, and other
vending machines
6. Measuring devices and equipment
For repeating installation of control
signals and in power amplifiers
7. Generators, transformers and
power receiving equipment.
Functional parts in protective equipment,
functional assistance in automatic
adjustment equipment, telemeters and
other remote monitoring equipment
8. Control of conveyance equipment
Control panels for elevators, escalators,
and other conveyance equipment, control
of all kinds industrial transport equipment
such as conveyors.
9. Amusement equipment
Control of equipment in amusement
parks, etc., control of bowling alley
equipment, control of fountains in public
parks
Contact arrangement
2: 2 Form C
3: 3 Form C
4: 4 Form C
HP
Operation indication
Nil:
L:
Without indication
With indication
Contact material
F:
Nil:
4 Form C, Silver alloy (cadmium-free)
2 Form C, 3 Form C (Silver)
With LED indicator type
Nominal coil voltage:
With neon lamp type
Nominal coil voltage:
24 V AC
12, 24, 48 V DC
100, 115, 200, 220, 240 V AC
100, 110 V DC
Terminal arrangement
Nil:
TM:
M:
Plug-in terminal
TM type (2 Form C only)
Direct mounting (3 Form C only)
Nominal coil voltage
AC
DC
24, 48, 100, 115, 200, 220, 240 V
12, 24, 48, 100, 110 V
ASCTB81E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
RoHS compliant


Similar Part No. - HP3-M-AC240V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP3-M-AC240V NAIS-HP3-M-AC240V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP3-M-AC240V PANASONIC-HP3-M-AC240V Datasheet
312Kb / 11P
   Interchangeable with existing models
More results

Similar Description - HP3-M-AC240V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com