Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82Y-VS15S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S82Y-VS15S
Description  Switch Mode Power Supply
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82Y-VS15S Datasheet(HTML) 3 Page - Omron Electronics LLC

  S82Y-VS15S Datasheet HTML 1Page - Omron Electronics LLC S82Y-VS15S Datasheet HTML 2Page - Omron Electronics LLC S82Y-VS15S Datasheet HTML 3Page - Omron Electronics LLC S82Y-VS15S Datasheet HTML 4Page - Omron Electronics LLC S82Y-VS15S Datasheet HTML 5Page - Omron Electronics LLC S82Y-VS15S Datasheet HTML 6Page - Omron Electronics LLC S82Y-VS15S Datasheet HTML 7Page - Omron Electronics LLC S82Y-VS15S Datasheet HTML 8Page - Omron Electronics LLC S82Y-VS15S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
S8VS
3
Ordering Information
List of Models
Note: For details on normal stock models, contact your nearest OMRON representative.
Models without Indication Monitor (Standard Models)
*1. The output capacity of the S8VS-01505 is 10 W.
*2. The output capacity of the S8VS-03005 is 20 W.
*3. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Models with Indication Monitor (Maintenance Forecast Monitor)
*1. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
*2. In the Alarm output column, “sinking” indicates an emitter COM and “sourcing” indicates a collector COM.
Models with Indication Monitor (Total Run Time Monitor)
*1. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
*2. In the Alarm output column, “sinking” indicates an emitter COM and “sourcing” indicates a collector COM.
Note:
Refer to pages 24 to 25 for the options that available.
Power ratings
Input voltage
Output voltage
Output current
UL Class 2
Output standards
Model number
(screw terminal block)
Model number
(screwless terminal block)
15 W
100 to 240 VAC
(allowable range:
85 to 264 VAC or
80 to 370 VDC
*3)
5 V
2.0 A
Yes
S8VS-01505
*1
---
12 V
1.2 A
Yes
S8VS-01512
24 V
0.65 A
Yes
S8VS-01524
30 W
5 V
4.0 A
Yes
S8VS-03005
*2
12 V
2.5 A
Yes
S8VS-03012
24 V
1.3 A
Yes
S8VS-03024
60 W
24 V
2.5 A
Yes
S8VS-06024
S8VS-06024-F
90 W
3.75 A
---
S8VS-09024
S8VS-09024-F
Yes
S8VS-09024S
S8VS-09024S-F
120 W
5 A
---
S8VS-12024
S8VS-12024-F
180 W
7.5 A
---
S8VS-18024
S8VS-18024-F
240 W
10 A
---
S8VS-24024
S8VS-24024-F
480 W
100 to 240 VAC
20 A
Peak current 30 A
(200 VAC)
---
S8VS-48024
S8VS-48024-F
Power ratings
Input voltage
Output
voltage
Output current
Alarm
output
*2
UL Class 2
Output standards
Model number
(screw terminal block)
Model number
(screwless terminal block)
60 W
100 to 240
VAC
(allowable
range: 85 to
264 VAC or 80
to 370 VDC
*1)
24 V
2.5 A
---
Yes
S8VS-06024A
S8VS-06024A-F
90 W
3.75 A
Sinking
---
S8VS-09024A
S8VS-09024A-F
Sinking
Yes
S8VS-09024AS
S8VS-09024AS-F
Sourcing
---
S8VS-09024AP
S8VS-09024AP-F
Sourcing
Yes
S8VS-09024APS
S8VS-09024APS-F
120 W
5 A
Sinking
---
S8VS-12024A
S8VS-12024A-F
Sourcing
---
S8VS-12024AP
S8VS-12024AP-F
180 W
7.5 A
Sinking
---
S8VS-18024A
S8VS-18024A-F
Sourcing
---
S8VS-18024AP
S8VS-18024AP-F
240 W
10 A
Sinking
---
S8VS-24024A
S8VS-24024A-F
Sourcing
---
S8VS-24024AP
S8VS-24024AP-F
480 W
100 to 240
VAC
20 A
Peak current 30 A
(200 VAC)
Sinking/
sourcing
---
S8VS-48024A
S8VS-48024A-F
Power ratings
Input voltage
Output
voltage
Output current
Alarm
output
*2
UL Class 2
Output standards
Model number
(screw terminal block)
Model number
(screwless terminal block)
60 W
100 to 240
VAC
(allowable
range: 85 to
264 VAC or 80
to 370 VDC)
*1
24 V
2.5 A
---
Yes
S8VS-06024B
S8VS-06024B-F
90 W
3.75 A
---
---
S8VS-09024BE
S8VS-09024BE-F
---
Yes
S8VS-09024BES
S8VS-09024BES-F
Sinking
---
S8VS-09024B
S8VS-09024B-F
Sinking
Yes
S8VS-09024BS
S8VS-09024BS-F
Sourcing
---
S8VS-09024BP
S8VS-09024BP-F
Sourcing
Yes
S8VS-09024BPS
S8VS-09024BPS-F
120 W
5 A
---
---
S8VS-12024BE
S8VS-12024BE-F
Sinking
---
S8VS-12024B
S8VS-12024B-F
Sourcing
---
S8VS-12024BP
S8VS-12024BP-F
180 W
7.5 A
---
---
S8VS-18024BE
S8VS-18024BE-F
Sinking
---
S8VS-18024B
S8VS-18024B-F
Sourcing
---
S8VS-18024BP
S8VS-18024BP-F
240 W
10 A
---
---
S8VS-24024BE
S8VS-24024BE-F
Sinking
---
S8VS-24024B
S8VS-24024B-F
Sourcing
---
S8VS-24024BP
S8VS-24024BP-F
480 W
100 to 240
VAC
20 A
Peak current 30 A
(200 VAC)
Sinking/
sourcing
---
S8VS-48024B
S8VS-48024B-F


Similar Part No. - S82Y-VS15S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S82Y-VS10F OMRON-S82Y-VS10F Datasheet
2Mb / 12P
   Contribute to build high reliable systems Compact and Cost-effective solution for Back-up applications Easy setup for system reliability requirement
S82Y-VS10F OMRON-S82Y-VS10F Datasheet
4Mb / 20P
   Switch Mode Power Supply
S82Y-VS10F OMRON-S82Y-VS10F Datasheet
6Mb / 29P
   Switch Mode Power Supply
S82Y-VS10S OMRON-S82Y-VS10S Datasheet
2Mb / 12P
   Contribute to build high reliable systems Compact and Cost-effective solution for Back-up applications Easy setup for system reliability requirement
S82Y-VS10S OMRON-S82Y-VS10S Datasheet
4Mb / 20P
   Switch Mode Power Supply
More results

Similar Description - S82Y-VS15S

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com