Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMHA2801BR2V Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HMHA2801BR2V
Description  HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMHA2801BR2V Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HMHA2801BR2V Datasheet HTML 1Page - Fairchild Semiconductor HMHA2801BR2V Datasheet HTML 2Page - Fairchild Semiconductor HMHA2801BR2V Datasheet HTML 3Page - Fairchild Semiconductor HMHA2801BR2V Datasheet HTML 4Page - Fairchild Semiconductor HMHA2801BR2V Datasheet HTML 5Page - Fairchild Semiconductor HMHA2801BR2V Datasheet HTML 6Page - Fairchild Semiconductor HMHA2801BR2V Datasheet HTML 7Page - Fairchild Semiconductor HMHA2801BR2V Datasheet HTML 8Page - Fairchild Semiconductor HMHA2801BR2V Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HALF PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
HMHAA280
HMHA2801 SERIES
HMHA281
9/30/03
Page 2 of 9
© 2002 Fairchild Semiconductor Corporation
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Units
TOTAL PACKAGE
Storage Temperature
TSTG
-40 to +125
°C
Operating Temperature
TOPR
-40 to +100
°C
EMITTER
Continuous Forward Current
IF (avg)
50
mA
Peak Forward Current (1 µs pulse, 300 pps.)
IF (pk)
1A
Reverse Input Voltage (HMHA)
VR
6V
Power Dissipation
PD
60
mW
Derate linearly (above 25°C)
0.6
mW/°C
DETECTOR
Continuous Collector Current
50
mA
Power Dissipation
PD
150
mW
Derate linearly (above 25°C)
1.5
mW/°C
Collector-Emitter Voltage
VCEO
80
V
Emitter-Collector Voltage
VECO
7V
ELECTRICAL CHARACTERISTICS (TA = 25°C)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
(IF = 10 mA)
VF
HMHA281
1.0
1.3
V
Forward Voltage
HMHA2801
HMHA2801A
1.0
1.3
HMHA2801B
(IF = 20 mA)
HMHA2801C
1.4
(IF = ±5 mA)
HMHAA280
1.4
Reverse Current
(VR = 5 V)
IR
All
5
µA
DETECTOR
V
Breakdown Voltage
(IC = 0.5 mA, IF = 0)
BVCEO
All
80
Collector to Emitter
Emitter to Collector
(IE = 100 µA, IF = 0)
BVECO
All
7
Collector Dark Current
(VCE = 80 V, IF = 0)
ICEO
All
100
nA
Capacitance
(VCE = 0 V, f = 1 MHz)
CCE
All
10
pF


Similar Part No. - HMHA2801BR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMHA2801 FAIRCHILD-HMHA2801 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
logo
ON Semiconductor
HMHA2801 ONSEMI-HMHA2801 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801R2 ONSEMI-HMHA2801R2 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801R2V ONSEMI-HMHA2801R2V Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801V ONSEMI-HMHA2801V Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
More results

Similar Description - HMHA2801BR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
logo
ON Semiconductor
HMHA281 ONSEMI-HMHA281 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
logo
Fairchild Semiconductor
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com