Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76107D3S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HUF76107D3S
Description  20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76107D3S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HUF76107D3S Datasheet HTML 1Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 2Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 3Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 4Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 5Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 6Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 7Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 8Page - Fairchild Semiconductor HUF76107D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
HUF76107D3, HUF76107D3S Rev. B1
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
Typical Performance Curves Unless otherwise specified (Continued)
t, RECTANGULAR PULSE DURATION (s)
10-5
10-1
100
2
0.1
1
10-2
0.01
10-4
10-3
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC x RθJC + TC
PDM
t1
t2
101
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
TC = 25
oC
I
= I25
150 - TC
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
500
10
10-5
10-4
10-3
10-2
10-1
100
101
t, PULSE WIDTH (s)
100
VGS = 5V
TJ = MAX RATED
TC = 25
oC
10ms
1ms
VDSS(MAX) = 30V
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
100
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
100
200
10
10
100
µs
1
10
100
100
0.01
200
1
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
0.1
10
0.001
HUF76107D3, HUF76107D3S


Similar Part No. - HUF76107D3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76107D3S INTERSIL-HUF76107D3S Datasheet
109Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76107D3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76107P3 INTERSIL-HUF76107P3 Datasheet
369Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107D3 INTERSIL-HUF76107D3 Datasheet
109Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76107P3 FAIRCHILD-HUF76107P3 Datasheet
282Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76129D3 INTERSIL-HUF76129D3 Datasheet
107Kb / 10P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413D3 FAIRCHILD-HUFA76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com