Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117IDXXG-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1117IDXXG-13
Description  1A DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117IDXXG-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1117IDXXG-13 Datasheet HTML 1Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 2Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 3Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 4Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 5Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 6Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 7Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 8Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP1117/AP1117I
Document number: DS31009 Rev. 23 - 2
1 of 13
www.diodes.com
June 2013
© Diodes Incorporated
AP1117/AP1117I
1A DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Description
AP1117 is a low dropout positive adjustable or fixed-mode regulator
with 1A output current capability. The product is voltage specifically
designed to provide well-regulated supply for low IC applications such
as high-speed bus termination and low current 3.3V logic supply.
AP1117 is also well suited for other applications such as VGA cards.
AP1117 is guaranteed to have lower than 1.4V dropout at full load
current making it ideal to provide well-regulated outputs of 1.25 to 5.0
with 6.4V to 18V input supply. AP1117 is available both in commercial
temperature grade (AP1117) and in industrial temperature range
(AP1117I) (TO252 and SOT223).
Features
1.4V Maximum Dropout at Full Load Current
Fast Transient Response
Output Current Limiting
Built-in Thermal Shutdown
Good Noise Rejection
3-Terminal Adjustable or Fixed 1.5V, 1.8V,2.5V, 3.3V, 5.0V
Operating Junction Temperature range
0°C
≤ TJ ≤ +125°C (All packages)
-20°C
≤ TJ ≤ +125°C (see ordering information)
-40°C
≤ TJ ≤ +125°C (see ordering information)
Lead-Free Packages: SOT223, TO252, SOT89-3, TO263 and
TO220-3
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
SOT223, TO252, SOT89-3, TO263 and TO220-3: Available in
“Green” Molding Compound (No Br, Sb)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
PC Peripheral
Communication
Consumer Equipment
Pin Assignments
SOT89-3
Adj (GND)
VOUT
VIN
1
3
2
Tab is VOUT
( Top View )
SOT223
VIN
VOUT
Adj (GND)
Tab is VOUT
( Top View )
3
2
1
TO220-3
Tab is VOUT
3
VIN
2
1
VOUT
Adj (GND)
( Front View )
TO252 and TO263
3
2
1
VIN
VOUT
Tab is VOUT
( Top View )
Adj (GND)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green"
and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP1117IDXXG-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1117 ANACHIP-AP1117 Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1117 DIODES-AP1117 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117 DIODES-AP1117 Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
Anachip Corp
AP1117-1.5 ANACHIP-AP1117-1.5 Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117-1.8 ANACHIP-AP1117-1.8 Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1117IDXXG-13

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com