Electronic Components Datasheet Search |
|
CDR01BP100B Datasheet(PDF) 2 Page - AVX Corporation |
|
CDR01BP100B Datasheet(HTML) 2 Page - AVX Corporation |
2 / 2 page 80 MIL-PRF-55681/Chips Military Part Number Identification CDR01 thru CDR06 CDR01 thru CDR06 to MIL-PRF-55681 Military Rated temperature WVDC Type Capacitance Capacitance and voltage- Designation in pF tolerance temperature limits AVX Style 0805/CDR01 CDR01BP100B--- 10 J,K BP 100 CDR01BP120B--- 12 J BP 100 CDR01BP150B--- 15 J,K BP 100 CDR01BP180B--- 18 J BP 100 CDR01BP220B--- 22 J,K BP 100 CDR01BP270B--- 27 J BP 100 CDR01BP330B--- 33 J,K BP 100 CDR01BP390B--- 39 J BP 100 CDR01BP470B--- 47 J,K BP 100 CDR01BP560B--- 56 J BP 100 CDR01BP680B--- 68 J,K BP 100 CDR01BP820B--- 82 J BP 100 CDR01BP101B--- 100 J,K BP 100 CDR01B--121B--- 120 J,K BP,BX 100 CDR01B--151B--- 150 J,K BP,BX 100 CDR01B--181B--- 180 J,K BP,BX 100 CDR01BX221B--- 220 K,M BX 100 CDR01BX271B--- 270 K BX 100 CDR01BX331B--- 330 K,M BX 100 CDR01BX391B--- 390 K BX 100 CDR01BX471B--- 470 K,M BX 100 CDR01BX561B--- 560 K BX 100 CDR01BX681B--- 680 K,M BX 100 CDR01BX821B--- 820 K BX 100 CDR01BX102B--- 1000 K,M BX 100 CDR01BX122B--- 1200 K BX 100 CDR01BX152B--- 1500 K,M BX 100 CDR01BX182B--- 1800 K BX 100 CDR01BX222B--- 2200 K,M BX 100 CDR01BX272B--- 2700 K BX 100 CDR01BX332B--- 3300 K,M BX 100 CDR01BX392A--- 3900 K BX 50 CDR01BX472A--- 4700 K,M BX 50 AVX Style 1805/CDR02 CDR02BP221B--- 220 J,K BP 100 CDR02BP271B--- 270 J BP 100 CDR02BX392B--- 3900 K BX 100 CDR02BX472B--- 4700 K,M BX 100 CDR02BX562B--- 5600 K BX 100 CDR02BX682B--- 6800 K,M BX 100 CDR02BX822B--- 8200 K BX 100 CDR02BX103B--- 10,000 K,M BX 100 CDR02BX123A--- 12,000 K BX 50 CDR02BX153A--- 15,000 K,M BX 50 CDR02BX183A--- 18,000 K BX 50 CDR02BX223A--- 22,000 K,M BX 50 Add appropriate failure rate Add appropriate termination finish Capacitance Tolerance Military Rated temperature WVDC Type Capacitance Capacitance and voltage- Designation in pF tolerance temperature limits AVX Style 1808/CDR03 CDR03BP331B--- 330 J,K BP 100 CDR03BP391B--- 390 J BP 100 CDR03BP471B--- 470 J,K BP 100 CDR03BP561B--- 560 J BP 100 CDR03BP681B--- 680 J,K BP 100 CDR03BP821B-- 820 J BP 100 CDR03BP102B--- 1000 J,K BP 100 CDR03BX123B-- 12,000 K BX 100 CDR03BX153B--- 15,000 K,M BX 100 CDR03BX183B--- 18,000 K BX 100 CDR03BX223B--- 22,000 K,M BX 100 CDR03BX273B--- 27,000 K BX 100 CDR03BX333B--- 33,000 K,M BX 100 CDR03BX393A--- 39,000 K BX 50 CDR03BX473A--- 47,000 K,M BX 50 CDR03BX563A--- 56,000 K BX 50 CDR03BX683A--- 68,000 K,M BX 50 AVX Style 1812/CDR04 CDR04BP122B--- 1200 J BP 100 CDR04BP152B--- 1500 J,K BP 100 CDR04BP182B--- 1800 J BP 100 CDR04BP222B--- 2200 J,K BP 100 CDR04BP272B--- 2700 J BP 100 CDR04BP332B--- 3300 J,K BP 100 CDR04BX393B--- 39,000 K BX 100 CDR04BX473B--- 47,000 K,M BX 100 CDR04BX563B--- 56,000 K BX 100 CDR04BX823A--- 82,000 K BX 50 CDR04BX104A--- 100,000 K,M BX 50 CDR04BX124A--- 120,000 K BX 50 CDR04BX154A--- 150,000 K,M BX 50 CDR04BX184A--- 180,000 K BX 50 AVX Style 1825/CDR05 CDR05BP392B--- 3900 J,K BP 100 CDR05BP472B--- 4700 J,K BP 100 CDR05BP562B--- 5600 J,K BP 100 CDR05BX683B--- 68,000 K,M BX 100 CDR05BX823B--- 82,000 K BX 100 CDR05BX104B--- 100,000 K,M BX 100 CDR05BX124B--- 120,000 K BX 100 CDR05BX154B--- 150,000 K,M BX 100 CDR05BX224A--- 220,000 K,M BX 50 CDR05BX274A--- 270,000 K BX 50 CDR05BX334A--- 330,000 K,M BX 50 AVX Style 2225/CDR06 CDR06BP682B--- 6800 J,K BP 100 CDR06BP822B--- 8200 J,K BP 100 CDR06BP103B--- 10,000 J,K BP 100 CDR06BX394A--- 390,000 K BX 50 CDR06BX474A--- 470,000 K,M BX 50 Add appropriate failure rate Add appropriate termination finish Capacitance Tolerance |
Similar Part No. - CDR01BP100B |
|
Similar Description - CDR01BP100B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |