Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4D-HL-AC240V Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # HC4D-HL-AC240V
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC4D-HL-AC240V Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button HC4D-HL-AC240V Datasheet HTML 4Page - Panasonic Semiconductor HC4D-HL-AC240V Datasheet HTML 5Page - Panasonic Semiconductor HC4D-HL-AC240V Datasheet HTML 6Page - Panasonic Semiconductor HC4D-HL-AC240V Datasheet HTML 7Page - Panasonic Semiconductor HC4D-HL-AC240V Datasheet HTML 8Page - Panasonic Semiconductor HC4D-HL-AC240V Datasheet HTML 9Page - Panasonic Semiconductor HC4D-HL-AC240V Datasheet HTML 10Page - Panasonic Semiconductor HC4D-HL-AC240V Datasheet HTML 11Page - Panasonic Semiconductor HC4D-HL-AC240V Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HC
(2) DC coils
Notes: 1. The coil resistance for DC operation is the value measured when the coil temperature is 20
°C 68°F. Compensate ±0.4% for every ±1°C change in temperature.
2. The relay operates in a range of 80% to 110% V of the voltage rating, but ideally, in consideration of temporary voltage fluctuations, it should be operated at the
rated voltage.
3. For use with 200 V DC, connect a 10 K
Ω (5W) resistor, in series, to the 100 V DC relay.
4. The maximum applied voltage is the maximum voltage fluctuation value for the coil power supply. This value is not a permissible value for continuous operation.
(This value differs depending on the ambient temperature. Please contact us for details.)
2) Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. For the AC coil types, the operate/release time will differ depending on the phase.
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
Type
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal coil current
[
±10%]
(at 20
°C 68°F)
Coil resistance
[
±10%]
(at 20
°C 68°F)
Nominal operating
power
Max. applied voltage
(at 70
°C 158°F)
Standard
6V DC
80%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
150mA
40
0.9W
110%V of
nominal voltage
12V DC
75mA
160
24V DC
37mA
650
48V DC
18.5mA
2,600
100/110V DC
10/11mA
10,000
1.0W
Characteristics
Item
Specifications
Contact
Arrangement
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Contact resistance (Initial)
Max. 30 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Ag alloy (cd free) + Au flash
AgNi type + Au clad
Rating
Nominal switching capacity
(resistive load)
10A 250V AC
7A 250V AC
7A 250V AC
5A 250V AC
3A 250V AC
Max. switching power
(resistive load)
2,500VA
1,750VA
1,750VA
1,250VA
750VA
Max. switching voltage
250VAC
Max. switching current
10A
7A
7A
5A
3A
Nominal operating power
AC (50Hz): 1.3VA, AC (60Hz): 1.2VA, DC: 0.9 to 1.1W
Min. switching capacity
(Reference value)*1
1mA 1V DC
100
µA 1V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown
voltage
(Initial)
Between open
contacts
700 Vrms for 1min. (Detection current: 10mA.)
Between contact
sets
700 Vrms for 1min. (Detection current: 10mA.)
Between contact
and coil
2,000 Vrms for 1min. (Detection current: 10mA.)
Temperature rise (coil)
(at 70
°C 158°F)
Max. 80
°C 176°F (By resistive method, nominal coil voltage)
Operate time (at 20
°C 68°F)*2
Max. 20ms (Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time (at 20
°C 68°F)*2
Max. 20ms (Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)
Mechanical
characteristics
Shock
resistance
Functional
Min. 196 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration
resistance
Functional
10 to 55 Hz at double amplitude of 1 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2 mm
Expected life
Mechanical
Min. 5
×107: AC coil type (at 180 times/min.); Min. 108: DC coil type (at 180 times/min.)
Electrical
Min. 2
×105
resistive load
(at 20 times/min.)
Min. 2
×105
resistive load
(at 20 times/min.)
Min. 105
resistive load
(at 20 times/min.)
Min. 2
×105
resistive load
(at 20 times/min.)
Min. 2
×105
resistive load
(at 20 times/min.)
Conditions
Conditions for operation,
transport and storage*3
Ambient temperature: –50
°C to +70°C –58°F to +158°F (without LED); –50°C to +60°C –58°F to +140°F (with LED)
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. Operating speed
20 times/min. (at max. rating)
Unit weight
Approx. 30g 1.06 oz
ASCTB4E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HC4D-HL-AC240V

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
   High AC Voltage - High current
logo
PANDUIT CORP.
HC4-3 PANDUIT-HC4-3 Datasheet
59Kb / 1P
   TWO-WAY CONNECTOR PREMIUM TYPE HC CUSTOMER DRAWING
logo
Intersil Corporation
HC4-55564/883 INTERSIL-HC4-55564/883 Datasheet
127Kb / 5P
   Continuously Variable Slope Delta-Modulator (CVSD)
logo
auris-GmbH
HC4025 AURIS-HC4025 Datasheet
110Kb / 1P
   Quartz SMD, Ceramic
HC4025 AURIS-HC4025 Datasheet
496Kb / 1P
   Quartz SMD, Ceramic
More results

Similar Description - HC4D-HL-AC240V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com