Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117TXXL-U Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1117TXXL-U
Description  1A DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117TXXL-U Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1117TXXL-U Datasheet HTML 5Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 6Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 7Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 8Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 9Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 10Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 11Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 12Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP1117/AP1117I
Document number: DS31009 Rev. 23 - 2
9 of 13
www.diodes.com
June 2013
© Diodes Incorporated
AP1117/AP1117I
Marking Information (cont.)
(4) TO263
1117-VV
X : Internal code
YY : Year : 01~09
( Top View )
YY WW X X
WW : Week : 01~52
, 52 represents
Logo
G : Green
Part Number
VV: 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5.0V
Blank for ADJ
52 and 53 week
L : Lead Free
(5) TO220-3
( Top View )
17 - VV
Logo
YY WW X X
Part Number
1117 for ADJ
17-VV : 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5.0V
X : Internal code
WW : Week : 01~52
, 52 represents
YY : Year : 01~09
52 and 53 week
G : Green
L : Lead Free
Package Outline Dimensions (All dimensions in mm.)
(1) Package Type: SOT223
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
4.60
e1
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
A1
A


Similar Part No. - AP1117TXXL-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117TXXL-U DIODES-AP1117TXXL-U Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
More results

Similar Description - AP1117TXXL-U

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com