Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITSQ500LF Datasheet(PDF) 3 Page - AVX Corporation

Part # KITSQ500LF
Description  Microwave MLC?셲
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

KITSQ500LF Datasheet(HTML) 3 Page - AVX Corporation

  KITSQ500LF Datasheet HTML 1Page - AVX Corporation KITSQ500LF Datasheet HTML 2Page - AVX Corporation KITSQ500LF Datasheet HTML 3Page - AVX Corporation KITSQ500LF Datasheet HTML 4Page - AVX Corporation KITSQ500LF Datasheet HTML 5Page - AVX Corporation KITSQ500LF Datasheet HTML 6Page - AVX Corporation KITSQ500LF Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
121
8
Microwave MLC’s
SQ Series Available Capacitance/Size/WVDC/T.C.
TABLE II: TC: A (0±30PPM/°C)
Cap. pF
Cap. Tol.
WVDC
0.1
B
150, 250
0.2
B
150, 250
0.3
B,C
150, 250
0.4
B,C
150, 250
0.5
B, C, D
150, 250
0.6
B, C, D
150, 250
0.7
B, C, D
150, 250
0.8
B, C, D
150, 250
0.9
B, C, D
150, 250
1.0
B, C, D
150, 250
1.1
B, C, D
150, 250
1.2
B, C, D
150, 250
1.3
B, C, D
150, 250
1.4
B, C, D
150, 250
1.5
B, C, D
150, 250
1.6
B, C, D
150, 250
1.7
B, C, D
150, 250
1.8
B, C, D
150, 250
1.9
B, C, D
150, 250
2.0
B, C, D
150, 250
2.2
B, C, D
150, 250
2.4
B, C, D
150, 250
Cap. pF
Cap. Tol.
WVDC
2.7
B, C, D
150, 250
3.0
B, C, D
150, 250
3.3
B, C, D
150, 250
3.6
B, C, D
150, 250
3.9
B, C, D
150, 250
4.3
B, C, D
150, 250
4.7
B, C, D
150, 250
5.1
B, C, D
150, 250
5.6
B, C, D
150, 250
6.2
B, C, D
150, 250
6.8
B, C, J, K
150, 250
7.5
B, C, J, K
150, 250
8.2
B, C, J, K
150, 250
9.1
B, C, J, K
150, 250
10
F, G, J, K
150, 250
11
F, G, J, K
150, 250
12
F, G, J, K
150, 250
13
F, G, J, K
150, 250
15
F, G, J, K
150, 250
16
F, G, J, K
150, 250
18
F, G, J, K
150, 250
Cap. pF
Cap. Tol.
WVDC
20
F, G, J, K
150, 250
22
F, G, J, K
150, 250
24
F, G, J, K
150, 250
27
F, G, J, K
150, 250
30
F, G, J, K
150, 250
33
F, G, J, K
150, 250
36
F, G, J, K
150, 250
39
F, G, J, K
150, 250
43
F, G, J, K
150, 250
47
F, G, J, K
150, 250
51
F, G, J, K
150, 250
56
F, G, J, K
150, 250
62
F, G, J, K
150, 200
68
F, G, J, K
150, 200
75
F, G, J, K
150, 200
82
F, G, J, K
150, 200
91
F, G, J, K
150, 200
100
F, G, J, K
150
110
F, G, J, K
150
120
F, G, J, K
150
130
F, G, J, K
150
Cap. pF
Cap. Tol.
WVDC
150
F, G, J, K
150
160
F, G, J, K
150
180
F, G, J, K
150
200
F, G, J, K
150
220
F, G, J, K
150
240
F, G, J, K
150
270
F, G, J, K
150
300
F, G, J, K
150
330
F, G, J, K
150
360
F, G, J, K
150
390
F, G, J, K
150
430
F, G, J, K
150
470
F, G, J, K
150
510
F, G, J, K
150
560
F, G, J, K
150
620
F, G, J, K
150
680
F, G, J, K
50
750
F, G, J, K
50
820
F, G, J, K
50
910
F, G, J, K
50
1000
F, G, J, K
50
TABLE III: TC: C (±15%)
Cap. pF
Cap. Tol.
WVDC
1000
K, M, N
50
1200
K, M, N
50
1500
K, M, N
50
1800
K, M, N
50
2000
K, M, N
50
Cap. pF
Cap. Tol.
WVDC
2200
K, M, N
50
2700
K, M, N
50
3300
K, M, N
50
3900
K, M, N
50
4700
K, M, N
50
Cap. pF
Cap. Tol.
WVDC
5100
K, M, N
50
5600
K, M, N
50
6800
K, M, N
50
8200
K, M, N
50
10000
K, M, N
50
Case Size A
TABLE I: TC: M (+90±20PPM/°C)
Cap. pF
Cap. Tol.
WVDC
0.1
B
150, 250
0.2
B
150, 250
0.3
B,C
150, 250
0.4
B,C
150, 250
0.5
B, C, D
150, 250
0.6
B, C, D
150, 250
0.7
B, C, D
150, 250
0.8
B, C, D
150, 250
0.9
B, C, D
150, 250
1.0
B, C, D
150, 250
1.1
B, C, D
150, 250
1.2
B, C, D
150, 250
1.3
B, C, D
150, 250
1.4
B, C, D
150, 250
1.5
B, C, D
150, 250
1.6
B, C, D
150, 250
Cap. pF
Cap. Tol.
WVDC
6.2
B, C, D
150, 250
6.8
B, C, J, K
150, 250
7.5
B, C, J, K
150, 250
8.2
B, C, J, K
150, 250
9.1
B, C, J, K
150, 250
10
F, G, J, K
150, 250
11
F, G, J, K
150, 250
12
F, G, J, K
150, 250
13
F, G, J, K
150, 250
15
F, G, J, K
150, 250
16
F, G, J, K
150, 250
18
F, G, J, K
150, 250
20
F, G, J, K
150, 250
22
F, G, J, K
150, 250
24
F, G, J, K
150, 250
Cap. pF
Cap. Tol.
WVDC
27
F, G, J, K
150, 250
30
F, G, J, K
150, 250
33
F, G, J, K
150, 250
36
F, G, J, K
150, 250
39
F, G, J, K
150, 250
43
F, G, J, K
150, 250
47
F, G, J, K
150, 250
51
F, G, J, K
150, 250
56
F, G, J, K
150, 250
62
F, G, J, K
150, 250
68
F, G, J, K
150, 250
75
F, G, J, K
150, 250
82
F, G, J, K
150, 250
91
F, G, J, K
150, 250
100
F, G, J, K
150, 250
Cap. pF
Cap. Tol.
WVDC
1.7
B, C, D
150, 250
1.8
B, C, D
150, 250
1.9
B, C, D
150, 250
2.0
B, C, D
150, 250
2.2
B, C, D
150, 250
2.4
B, C, D
150, 250
2.7
B, C, D
150, 250
3.0
B, C, D
150, 250
3.3
B, C, D
150, 250
3.6
B, C, D
150, 250
3.9
B, C, D
150, 250
4.3
B, C, D
150, 250
4.7
B, C, D
150, 250
5.1
B, C, D
150, 250
5.6
B, C, D
150, 250


Similar Part No. - KITSQ500LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KITS ETC2-KITS Datasheet
132Kb / 1P
   IP67 PANEL MOUNTING
More results

Similar Description - KITSQ500LF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR11-14 AVX-CDR11-14 Datasheet
1Mb / 8P
   Microwave MLC?셲
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
AQ11EA380JA7WE AVX-AQ11EA380JA7WE Datasheet
630Kb / 4P
   Microwave MLC?셲 AQ Series
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
GH16 AVX-GH16 Datasheet
72Kb / 2P
   Microwave SLC?셲
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
550Z104KTT AVX-550Z104KTT Datasheet
1Mb / 7P
   RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
Rev 4
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com