Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC2E-H-AC120V-F Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # HC2E-H-AC120V-F
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC2E-H-AC120V-F Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button HC2E-H-AC120V-F Datasheet HTML 3Page - Panasonic Semiconductor HC2E-H-AC120V-F Datasheet HTML 4Page - Panasonic Semiconductor HC2E-H-AC120V-F Datasheet HTML 5Page - Panasonic Semiconductor HC2E-H-AC120V-F Datasheet HTML 6Page - Panasonic Semiconductor HC2E-H-AC120V-F Datasheet HTML 7Page - Panasonic Semiconductor HC2E-H-AC120V-F Datasheet HTML 8Page - Panasonic Semiconductor HC2E-H-AC120V-F Datasheet HTML 9Page - Panasonic Semiconductor HC2E-H-AC120V-F Datasheet HTML 10Page - Panasonic Semiconductor HC2E-H-AC120V-F Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
HC
4. With diode type (For DC)
1) Plug-in type
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
2) Plug-in type (with LED indication)
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
5. With CR circuit type
1) Plug-in type
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
2) Plug-in type (with LED indication)
Standard packing: Carton: 20 pcs.; Case: 200 pcs.
* For sockets and terminal sockets, see page 87.
RATING
1. Standard type
1) Coil data
(1) AC coils (50/60Hz)
Notes: 1. The relay operates in a range of 80% to 110% V of the voltage rating, but ideally, in consideration of temporary voltage fluctuations, it should be operated at the
rated voltage. In particular, for AC operation, if the applied voltage drops to 80% V or more below the rated voltage, humming will occur and a large current will flow
leading possibly to coil burnout.
2. The maximum applied voltage is the maximum voltage fluctuation value for the coil power supply. This value is not a permissible value for continuous operation.
(This value differs depending on the ambient temperature. Please contact us for details.)
Nominal coil voltage
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Part No.
Part No.
Part No.
Part No.
Part No.
6V DC
HC1-DC6V-D-F
HC2-DC6V-D-F
HC3-DC6V-D-F
HC4-DC6V-D
HC4D-DC6V-D
12V DC
HC1-DC12V-D-F
HC2-DC12V-D-F
HC3-DC12V-D-F
HC4-DC12V-D
HC4D-DC12V-D
24V DC
HC1-DC24V-D-F
HC2-DC24V-D-F
HC3-DC24V-D-F
HC4-DC24V-D
HC4D-DC24V-D
48V DC
HC1-DC48V-D-F
HC2-DC48V-D-F
HC3-DC48V-D-F
HC4-DC48V-D
HC4D-DC48V-D
100/110V DC
HC1-DC100V-D-F
HC2-DC100V-D-F
HC3-DC100V-D-F
HC4-DC100V-D
HC4D-DC100V-D
Nominal coil voltage
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Part No.
Part No.
Part No.
Part No.
Part No.
6V DC
HC1-L-DC6V-D-F
HC2-L-DC6V-D-F
HC3-L-DC6V-D-F
HC4-L-DC6V-D
HC4D-L-DC6V-D
12V DC
HC1-L-DC12V-D-F
HC2-L-DC12V-D-F
HC3-L-DC12V-D-F
HC4-L-DC12V-D
HC4D-L-DC12V-D
24V DC
HC1-L-DC24V-D-F
HC2-L-DC24V-D-F
HC3-L-DC24V-D-F
HC4-L-DC24V-D
HC4D-L-DC24V-D
48V DC
HC1-L-DC48V-D-F
HC2-L-DC48V-D-F
HC3-L-DC48V-D-F
HC4-L-DC48V-D
HC4D-L-DC48V-D
100/110V DC
HC1-L-DC100V-D-F
HC2-L-DC100V-D-F
HC3-L-DC100V-D-F
HC4-L-DC100V-D
HC4D-L-DC100V-D
Nominal coil voltage
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Part No.
Part No.
Part No.
Part No.
Part No.
100/110V AC
HC1-AC100V-R-F
HC2-AC100V-R-F
HC3-AC100V-R-F
HC4-AC100V-R
HC4D-AC100V-R
110/120V AC
HC1-AC120V-R-F
HC2-AC120V-R-F
HC3-AC120V-R-F
HC4-AC120V-R
HC4D-AC120V-R
200/220V AC
HC1-AC200V-R-F
HC2-AC200V-R-F
HC3-AC200V-R-F
HC4-AC200V-R
HC4D-AC200V-R
220/240V AC
HC1-AC240V-R-F
HC2-AC240V-R-F
HC3-AC240V-R-F
HC4-AC240V-R
HC4D-AC240V-R
Nominal coil voltage
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Part No.
Part No.
Part No.
Part No.
Part No.
100/110V AC
HC1-L-AC100V-R-F
HC2-L-AC100V-R-F
HC3-L-AC100V-R-F
HC4-L-AC100V-R
HC4D-L-AC100V-R
110/120V AC
HC1-L-AC120V-R-F
HC2-L-AC120V-R-F
HC3-L-AC120V-R-F
HC4-L-AC120V-R
HC4D-L-AC120V-R
200/220V AC
HC1-L-AC200V-R-F
HC2-L-AC200V-R-F
HC3-L-AC200V-R-F
HC4-L-AC200V-R
HC4D-L-AC200V-R
220/240V AC
HC1-L-AC240V-R-F
HC2-L-AC240V-R-F
HC3-L-AC240V-R-F
HC4-L-AC240V-R
HC4D-L-AC240V-R
Type
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out
voltage
(at 20
°C 68°F)
Nominal coil current
[
±20%] (at 20°C 68°F)
Coil inductance
Nominal operating
power
Max. applied
voltage
(at 70
°C 158°F)
50Hz
60Hz
N.C.
condition
N.O.
condition
50Hz
60Hz
Standard
6V AC
80%V or less of
nominal voltage
(Initial)
30%V or more
of nominal
voltage
(Initial)
224mA
200mA
0.078H
0.074H
1.3VA
1.2VA
110%V of
nominal voltage
12V AC
111mA
100mA
0.312H
0.295H
24V AC
56mA
50mA
1.243H
1.181H
48V AC
28mA
25mA
4.974H
4.145H
100/110V AC
13.4/14.7mA
12/13.2mA
23.75H
20.63H
110/120V AC
12.2/13.5mA
10.9/11.9mA
27.19H
25.57H
200/220V AC
6.7/7.4mA
6/6.6mA
85.98H
81.76H
ASCTB4E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HC2E-H-AC120V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2E-H-AC120V-F PANASONIC-HC2E-H-AC120V-F Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
More results

Similar Description - HC2E-H-AC120V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com