Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KITSQ1100LF Datasheet(PDF) 6 Page - AVX Corporation

Part # KITSQ1100LF
Description  Microwave MLC?셲
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

KITSQ1100LF Datasheet(HTML) 6 Page - AVX Corporation

  KITSQ1100LF Datasheet HTML 1Page - AVX Corporation KITSQ1100LF Datasheet HTML 2Page - AVX Corporation KITSQ1100LF Datasheet HTML 3Page - AVX Corporation KITSQ1100LF Datasheet HTML 4Page - AVX Corporation KITSQ1100LF Datasheet HTML 5Page - AVX Corporation KITSQ1100LF Datasheet HTML 6Page - AVX Corporation KITSQ1100LF Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
124
8
Microwave MLC’s
SQ A Case & B Case Ultra Low ESR MLC
SQCB Max Current
0.1
1
10
100
10
100
1000
10000
Frequency (Mhz)
4.7pF
10pF
22pF
100pF
1000pF
SQCA Max Current
0.01
0.1
1
10
10
100
1000
10000
Frequency (Mhz)
1pF
4.7pF
10pF
22pF
100pF


Similar Part No. - KITSQ1100LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KITS ETC2-KITS Datasheet
132Kb / 1P
   IP67 PANEL MOUNTING
More results

Similar Description - KITSQ1100LF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR11-14 AVX-CDR11-14 Datasheet
1Mb / 8P
   Microwave MLC?셲
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
AQ11EA380JA7WE AVX-AQ11EA380JA7WE Datasheet
630Kb / 4P
   Microwave MLC?셲 AQ Series
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
GH16 AVX-GH16 Datasheet
72Kb / 2P
   Microwave SLC?셲
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
550Z104KTT AVX-550Z104KTT Datasheet
1Mb / 7P
   RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
Rev 4
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com