Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF-0603F100 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-0603F100
Description  SF-0603F Series - Fast Acting Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603F100 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-0603F100 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603F100 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603F100 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603F100 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF-0603F Series - Fast Acting Surface Mount Fuses
Average Time Current Curves
Minimum I2T V Clear Time Curves
100
10
1
0.1
0.001
0.001
0.0001
0.1
1
10
CURRENT (A)
100
0.50 A
3.15 A
0.63 A
3.00 A
0.80 A
2.50 A
1.00 A
2.00 A
4.00 A
5.00 A
1.25 A
1.60 A
1.50 A
100
10
1
0.1
0.01
0.001
0.001
0.01
0.1
CLEARING TIME (S)
1
4.00 A
5.00 A
1.25 A
1.00 A
0.80 A
0.63 A
0.50 A
2.50 A
2.00 A
1.60 A
1.50 A
3.15 A
3.00 A
REV. D 03/13
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - SF-0603F100

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603F100 BOURNS-SF-0603F100 Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603F100 BOURNS-SF-0603F100 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F100 BOURNS-SF-0603F100 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F100 BOURNS-SF-0603F100 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F100 BOURNS-SF-0603F100 Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
More results

Similar Description - SF-0603F100

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603F080-2 BOURNS-SF-0603F080-2 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F300-2 BOURNS-SF-0603F300-2 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF0402F BOURNS-SF0402F Datasheet
189Kb / 5P
   SF-0402F Series - Fast Acting Surface Mount Fuses
REV. 04/21
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0603FP-M BOURNS-SF-0603FP-M Datasheet
254Kb / 6P
   SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com