Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLF87Y20 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHLF87Y20
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLF87Y20 Datasheet(HTML) 6 Page - International Rectifier

  IRHLF87Y20 Datasheet HTML 1Page - International Rectifier IRHLF87Y20 Datasheet HTML 2Page - International Rectifier IRHLF87Y20 Datasheet HTML 3Page - International Rectifier IRHLF87Y20 Datasheet HTML 4Page - International Rectifier IRHLF87Y20 Datasheet HTML 5Page - International Rectifier IRHLF87Y20 Datasheet HTML 6Page - International Rectifier IRHLF87Y20 Datasheet HTML 7Page - International Rectifier IRHLF87Y20 Datasheet HTML 8Page - International Rectifier IRHLF87Y20 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRHLF87Y20
6
www.irf.com
Pre-Irradiation
Fig 11. Typical Source-to-Drain Diode
Forward Voltage
Fig 12. Maximum Drain Current Vs.
Case Temperature
Fig 9. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 10. Typical Gate Charge Vs.
Gate-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
VGS = 0V,
f = 1.0 MHz
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
25
50
75
100
125
150
TC , Case Temperature (°C)
0
4
8
12
16
20
LIMITED BY PACKAGE
0
4
8
12162024283236 40
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS = 16V
VDS = 10V
VDS = 6.0V
ID = 12A
FOR TEST CIRCUIT
SEE FIGURE 17
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8
3.2
VSD , Source-to-Drain Voltage (V)
0.1
1
10
100
VGS = 0V
TJ = 150°C
TJ = 25°C


Similar Part No. - IRHLF87Y20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF87Y20 IRF-IRHLF87Y20 Datasheet
212Kb / 9P
   Simple Drive Requirements
IRHLF87Y20 IRF-IRHLF87Y20_15 Datasheet
212Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHLF87Y20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF77214 IRF-IRHLF77214 Datasheet
220Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLG770Z4 IRF-IRHLG770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLG77110 IRF-IRHLG77110 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET LOGIC LEVEL POWER MOSFET
IRHLF670Z4 IRF-IRHLF670Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLF6970Z4 IRF-IRHLF6970Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com