Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1630G5 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE1630G5
Description  32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1630G5 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE1630G5 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1630G5 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1630G5 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1630G5 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1630G5 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1630G5 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1630G5 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1630G5 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1630G5 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BLOCK DIAGRAM
V25
GATE
DRIVER
Driver
+
-
+
-
DIM
BUFFER
VIN
CSN
DIM
2.5V
UVLO
COMPARATOR
CS
COMPARATOR
GND
SW
70µ
130mV
PIN ASSIGNMENT
The package of APE1630 is SOT-89-5L; the pin assignment is given by:
Name
Description
SW
Switch Output. SW is the output of the
internal driver switch.
GND
Signal and power ground. Connect directly to
ground plane.
DIM
Logic level dimming input. Drive DIM low to
turn off the current regulator. Drive DIM high
to enable the current regulator.
CSN
Current sense input
SOT-89-5L
(Top View)
3
2
1
54
SW
GND
DIM
CSN
VIN
APE1630
GND
VIN
Input Supply Pin. Must be locally bypassed.
ORDER/MARKING INFORMATION
Order Information
Top Marking
APE1630X
Package Type
G5 : SOT-89-5L
1630
Part number
ID code: internal
WW: 01~26 (A~Z)
27~52 (a~z)
Year: A=2010
1=2011
WX
Y
Advanced Power
Electronics Corp.
APE1630
2


Similar Part No. - APE1630G5

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
   White LED Driver (120mA Charge Pump with Current Source)
APE1601A A-POWER-APE1601A Datasheet
498Kb / 13P
   White LED Driver (120mA Charge Pump with Current Source)
APE1612 A-POWER-APE1612 Datasheet
274Kb / 9P
   1.9A FIXED FREQUENCY WHITE LED DRIVER
APE1612TY A-POWER-APE1612TY Datasheet
274Kb / 9P
   1.9A FIXED FREQUENCY WHITE LED DRIVER
More results

Similar Description - APE1630G5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT4115 ETC2-PT4115 Datasheet
1Mb / 18P
   30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
logo
Taiwan Semiconductor Co...
TS19376 TSC-TS19376 Datasheet
152Kb / 8P
   1A Step-down High Brightness LED Driver
logo
Shenzhen Huazhimei Semi...
HM4115 HMSEMI-HM4115 Datasheet
478Kb / 7P
   1A, Step-down High Brightness LED Driver
logo
SHANGHAI BELLING CO., L...
BL9582B BELLING-BL9582B Datasheet
1Mb / 16P
   32V, 1.4A Step-down High Brightness LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7210 MAXIC-MT7210 Datasheet
137Kb / 1P
   400V Step-down high brightness LED driver
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
logo
Maxim Integrated Produc...
MAX16819 MAXIM-MAX16819_15 Datasheet
918Kb / 9P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 3; 2/15
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com