Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1701M-33 Datasheet(PDF) 8 Page - Advanced Power Electronics Corp.

Part # APE1701M-33
Description  150KHz, 2A PWM BUCK DC/DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1701M-33 Datasheet(HTML) 8 Page - Advanced Power Electronics Corp.

  APE1701M-33 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1701M-33 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1701M-33 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1701M-33 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1701M-33 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1701M-33 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1701M-33 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1701M-33 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1701M-33 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Advanced Power
Electronics Corp.
APE1701
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN=12V, VOUT=3.3V)
(VIN=12V, VOUT=5.0V)
Efficiency
Load Transient Response
EN on Test Wave
(VIN=12V, VOUT=5V, IOUT=0.1~2A)
(VIN=12V, VOUT=5V, IOUT=2A )
Output Ripple
Power on Test Wave
(VIN=12V, VOUT=3.3V, IOUT=2A)
(VIN=12V, VOUT=5V, IOUT=2A )
8
Efficiency
Vin=12V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
0.0
0.5
1.0
1.5
2.0
Iout(A)
Vin=12V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
0.0
0.5
1.0
1.5
2.0
Iout(A)


Similar Part No. - APE1701M-33

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE17024 APLUS-APE17024 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
APE1705 A-POWER-APE1705 Datasheet
575Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
More results

Similar Description - APE1701M-33

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
E-CMOS Corporation
EC9309 E-CMOS-EC9309 Datasheet
1Mb / 15P
   2A 150KHz PWM Buck DC/DC Converter
logo
Shanghai Shunye Electro...
AP1509 SY-AP1509_18 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com