Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1910 Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE1910
Description  STEP-UP PFM DC/DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1910 Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE1910 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1910 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1910 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1910 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1910 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Advanced Power
Electronics Corp.
APE1910
TYPICAL PERFORMANCE CHARACTERISTICS
4
15
16
17
18
19
20
21
22
23
24
25
13
57
9
11
13
VIN (V)
VIN VS Quiescent Current
15
16
17
18
19
20
21
22
23
24
25
-50
-25
0
25
50
75
100
Temperature (℃)
Temperature VS Quiescent Current
VIN=12V
VIN=5V
VIN=1.2V
0
5
10
15
20
25
30
35
40
02
46
8
10
12
Shutdown Pin Voltage (V)
Shutdown Pin Voltage VS Shutdwon Pin Current
1.205
1.21
1.215
1.22
1.225
1.23
1.235
1.24
1.245
1.25
1.255
-50
-25
0
25
50
75
100
Temperature (℃)
Temperature VS Feedback Voltage
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
Load Current (mA)
VIN=2.5V
VIN=4.2V
VIN=3.3V


Similar Part No. - APE1910

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
APE1911MP A-POWER-APE1911MP Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
APE1912MP A-POWER-APE1912MP Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
More results

Similar Description - APE1910

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
   PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX_07 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CYT2606L ETC2-CYT2606L Datasheet
473Kb / 8P
   PFM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com