Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU1H823JC9 Datasheet(PDF) 9 Page - Panasonic Battery Group

Part # ECWU1H823JC9
Description  Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECWU1H823JC9 Datasheet(HTML) 9 Page - Panasonic Battery Group

Back Button ECWU1H823JC9 Datasheet HTML 5Page - Panasonic Battery Group ECWU1H823JC9 Datasheet HTML 6Page - Panasonic Battery Group ECWU1H823JC9 Datasheet HTML 7Page - Panasonic Battery Group ECWU1H823JC9 Datasheet HTML 8Page - Panasonic Battery Group ECWU1H823JC9 Datasheet HTML 9Page - Panasonic Battery Group ECWU1H823JC9 Datasheet HTML 10Page - Panasonic Battery Group ECWU1H823JC9 Datasheet HTML 11Page - Panasonic Battery Group ECWU1H823JC9 Datasheet HTML 12Page - Panasonic Battery Group ECWU1H823JC9 Datasheet HTML 13Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
at 1kHz
at 1kHz
at DC 50V
ECWU (C) Type
DC50V series
Temperature Characteristics
Frequency Characteristics
Electrical Characteristics < Typical Data >
(Stacked Metallized Film)
Frequency (kHz)
Temperature (Degree C)
Frequency (kHz)
Temperature (Degree C)
Frequency (kHz)
Temperature (Degree C)
-10
-5
0
5
10
-60 -40 -20 0 20 40 60 80 100 120140
0.10uF
0.22uF
-10
-5
0
5
10
1
10
100
1000
10000
0.10uF
0.22uF
0
2
4
6
8
10
1
10
100
1000
10000
0.10uF
0.22uF
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
0.10uF
0.22uF
0
2
4
6
8
10
-60 -40 -20 0 20 40 60 80 100120 140
0.10uF
0.22uF
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
-60 -40 -20 0
20 40 60 80 100 120 140
0.10uF
0.22uF


Similar Part No. - ECWU1H823JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1H823JC9 PANASONIC-ECWU1H823JC9 Datasheet
100Kb / 3P
   Plastic Film Capacitors
ECWU1H823JC9 PANASONIC-ECWU1H823JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU1H823JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H102GB5 PANASONIC-ECH-U1H102GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C104JB5 PANASONIC-ECH-U1C104JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C153JB5 PANASONIC-ECH-U1C153JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1H223GB5 PANASONIC-ECH-U1H223GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C683GB5 PANASONIC-ECH-U1C683GB5 Datasheet
89Kb / 3P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C332JB5 PANASONIC-ECH-U1C332JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C103JB5 PANASONIC-ECH-U1C103JB5 Datasheet
63Kb / 2P
   Stacked matallized PPS film as dielectric with simple mold less construction
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com