Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805C103P8VAC Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0805C103P8VAC
Description  CERAMIC CHIP CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C103P8VAC Datasheet(HTML) 3 Page - Kemet Corporation

  C0805C103P8VAC Datasheet HTML 1Page - Kemet Corporation C0805C103P8VAC Datasheet HTML 2Page - Kemet Corporation C0805C103P8VAC Datasheet HTML 3Page - Kemet Corporation C0805C103P8VAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
61
CERAMIC CHIP/STANDARD
X7R CAPACITANCE RANGE – 1210, 1812, 1825, 2220, 2225
* Indicates EIA preferred chip sizes.
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
50 Volt Ceramic Chips can be used for 63 volt applications.
# Extended Range Values – Cap and DF measured @ 0.5 Vrms.
C1210*
C1825*
C2220
C2225
200V
100V
50V
200V
100V
50V
200V
100V
50V
200V
100V
50V
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
K,M,J
CAP.
TOL.
2200
2700
3300
3900
4700
5600
6800
8200
10,000
12,000
15,000
18,000
22,000
27,000
33,000
39,000
47,000
56,000
68,000
82,000
100,000
120,000
150,000
180,000
220,000
270,000
330,000
390,000
470,000
560,000
680,000
820,000
1,000,000
1,200,000
1,500,000
1,800,000
2,200,000
CAP.
PF
222
272
332
392
472
562
682
822
103
123
153
183
223
273
333
393
473
563
683
823
104
124
154
184
224
274
334
394
474
564
684
824
105
125
155
185
225
CAP
CODE
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GC
GC
GE
GE
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GH
GH
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GE
GG
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HD
HF
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HD
HD
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HD
JC
JC
JC
JC
JC
JC
JC
JC
JC
JC
JD
JF
JC
JC
JC
JC
JC
JD
JF
KC
KC
KC
KC
KC
KC
KC
KC
KC
KB
KB
KB
KB
KB
KB
KB
KB
KB
KC
KD
KD
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KD
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KC
KD
50V 100V 200V
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FC
FB
FB
FC
FC
FC
FC#
FD#
FD#
FD#
FD#
FD#
FF#
FH#
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FC
FD
FD
FD
FD
FD
FD#
FD#
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FC
FC
FC
FF
FG
C1812*
JC
JC
JC
10V
16V
25V
6.3V
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FC
FC
FC
FC
FD
FD
FD
FD
FD
FF
FH
FH
FH
FH
FJ
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FC
FC
FC
FC
FD
FD
FD
FD
FD
FF
FH
FH
FH
FH
FJ
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FC
FC
FC
FC
FD
FD
FD
FD
FD
FF
FH
FH
FH
FH
FJ
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FC
FC
FC
FC
FD
FD
FD
FD
FD
FF
FH
FH
FH
FH
FJ
Z5U CAPACITANCE RANGE
(KEMET's Z5U also meets Y5V Characteristics)
Improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at KEMET's option.
Reels with such substitutions will be marked with the improved KEMET part numbers.
12,000
15,000
18,000
22,000
27,000
33,000
39,000
47,000
56,000
68,000
82,000
100,000
120,000
150,000
180,000
220,000
270,000
330,000
390,000
470,000
560,000
680,000
1,000,000
1,200,000
1,500,000
1,800,000
2,200,000
2,700,000
3,300,000
4,700,000
6,800,000
8,200,000
10,000,000
X5R CAPACITANCE RANGE
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
+ Reflow only
See page 63 for Thickness Code Reference Chart.
CAP.
pF
C1210*
25V
16V
10V
6.3V
16V
10V
6.3V
C1206*
25V
EB
EB
EB
EC
ED
EE
EF
EH
50V
10V
6.3V
10V
6.3V
10V
6.3V
C0805*
C0603*
C0402*
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
BB
CC
CC
CC
CC
CC
CC
FK+
FJ+
FK+
FK+
FJ+
FK+
FH+
FD+
FD+
FD+
FG+
FG+
FH+
FK+
FG+
FH+
FK+
FH+
FD+
FD+
FD+
FG+
FH+
820,000
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
CAP.
TOL
K,M
123
153
183
223
273
333
393
473
563
683
823
104
124
154
184
224
274
334
394
474
564
684
105
125
155
185
225
275
335
475
685
825
106
CAP
CODE
824
EC
EC
EE
EF
EH
EH
EC
EC
EE
EF
EH
EH
EC
EC
EE
EF
EH
EH
EC
EC
EE
EF
EH
EH
EC
FJ+
FK+
FK+
FK+
FK+
FD+ FG+
FH+
FK+
FD+
FG+
FJ+
FG+
CC
CC
CC
CC
CC
CC
CC
CC
CC
CC
DD
DE
DH
DD
DE
DH
DH
DH
DH
DH
DD
DE
DH
DD
DE
DH
DH
EH
EH
EH
EK
EH
EH
12,000,000
15,000,000
18,000,000
22,000,000
K,M
K,M
K,M
K,M
126
156
186
226
EH
EH
EH
EH
Improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at KEMET’s option.
Reels with such substitutions will be marked with the improved KEMET part numbers.
6.3V
6.3V
10V
10V
6.3V
6.3V
10V
10V
16V
16V
6.3V
6.3V
10V
10V
16V
16V
25V
25V
6.3V
6.3V
10V
10V
16V
16V
25V
25V
6.3V
6.3V
10V
10V
16V
16V
25V
25V
50V
50V
12,000
123
K,M
BB
BB
15,000
153
K,M
BB
BB
18,000
183
K,M
BB
BB
22,000
223
K,M
BB
BB
27,000
273
K,M
BB
BB
33,000
333
K,M
BB
BB
39,000
393
K,M
BB
BB
47,000
473
K,M
BB
BB
56,000
563
K,M
BB
BB
68,000
683
K,M
BB
BB
82,000
823
K,M
BB
BB
100,000
104
K,M
BB
BB
120,000
124
K,M
150,000
154
K,M
180,000
184
K,M
220,000
224
K,M
270,000
274
K,M
CC
CC
CC
EB
330,000
334
K,M
CC
CC
CC
EB
390,000
394
K,M
CC
CC
CC
EB
470,000
474
K,M
CC
CC
CC
DC
EC
560,000
564
K,M
CC
CC
CC
DD
ED
680,000
684
K,M
CC
CC
CC
DE
EE
820,000
824
K,M
CC
CC
CC
DF
EF
1,000,000
105
K,M
CC
CC
CC
DG
EH
FH+
FH+
FH+
1,200,000
125
K,M
CC
DD
DD
DD
EC
FD+
FD+
1,500,000
155
K,M
C
C
DE
DE
DE
EC ECECEC
FD+
FD+
1,800,000
185
K,M
C
C
DH
DH
DH
EC ECECEC
FD+
FD+
2,200,000
225
K,M
CC
DH
DH
DH
EE
EE
EE
EE
FG+
FG+
2,700,000
275
K,M
DD
DD
DD
EF
EF
EF
EF
FG+
FG+
3,300,000
335
K,M
DE
DE
DE
EH
EH
EH
EH
FH+
FH+
4,700,000
475
K,M
DH
DH
DH
EH
EH
EH
EH
FK+
FK+
FK+
FK+
6,800,000
85
K,M
DFJ+
FJ+
FJ+
8,200,000
825
K,EH
EH
EH
FK+
FK+
FK+
10,000,000
106
K,M
H
12,000,000
126
K,M
EH
FD+
FG+
FG+
15,000,000
156
K,M
EH
FD+
FH+
FH+
18,000,000
186
K,M
EH
FG+
FJ+
FJ+
22,000,000
226
K,M
EH
FG+
FK+
FK+
C0805*
0805*
C1206*
1206*
C1210*
1210*
C0402*
0402*
Ca
Cap
pF
pF
Ca
Cap
Code
ode
Ca
Cap
To
Tol.
C0603*
0603*
6.3V
10V
16V
25V
50V 100V 200V 50V 100V 200V
50V
100V 200V
50V
100V 200V
50V
100V 200V
2,200
222
K,M,J
FB
FB
FB
FB
FB
FB
FB
2,700
272
K,M,JFB
FB
FB
FB
FBFB
FB
3,300
332
K,M,JFB
FB
FB
FB
FBFB
FB
3,900
392
K,M,JFB
FB
FB
FB
FBFB
FB
4,700
472
K,M,JFB
FB
FB
FB
FBFB
FB
5,600
562
K,M,JFB
FB
FB
FB
FBFB
FB
6,800
682
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
8,200
822
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
10,000
103
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
12,000
123
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
15,000
153
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
18,000
183
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
22,000
223
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
HB
HB
HB
27,000
273
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
HB
HB
HB
33,000
333
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
HB
HB
HB
39,000
393
K,M,J
FBFB
FB
FB
FB
FB
FBGB
GB
GB
HB
HB
HB
47,000
473
K,M,J
FB
FB
FB
FB
FB
FB
FCGB
GB
GB
HB
HB
HB
KCKC KC
56,000
563
K,M,J
FB
FB
FB
FB
FB
FB
FCGB
GB
GB
HB
HB
HB
KCKC KC
68,000
683
K,M,J
FB
FB
FB
FB
FB
FB
FCGB
GB
GB
HB
HB
HB
KCKC KC
82,000
823
K,M,J
FB
FB
FB
FB
FCFC FF
GB
GB
GB
HB
HB
HB
KCKC KC
100,000
104
K,M,J
FB
FB
FB
FB
FB
FD
FG
GB
GB
GB
HB
HB
HB
KCKC KC
120,000
124
K,M,J
FB
FB
FB
FB
FB
FD
GB
GB
GB
HB
HB
HB
KCKC KC
150,000
154
K,M,J
FCFCFCFCFCFD
GB
GB
GE
HB
HB
HB
KC KC KC
180,000
184
K,M,J
FCFCFCFCFCFD
GB
GB
GG
HB
HB
HB
KC KC KC
220,000
224
K,M,J
FCFCFCFCFCFD
GB
GB
HB
HB
HB
KC KC KC
270,000
274
K,M,J
FCFCFCFCFC
#
FD#
GB
GH
HB
HB
HB
JC JC JC KB
KC KC
330,000
334
K,M,J
FD
FD
FD
FD
FD#
FD#
GB
GH
HB
HB
HB
JCJC JCKB
KCKC
390,000
394
K,M,J
FD
FD
FD
FD
FD#
GB
HB
HB
HD
JCJC JCKB
KCKC
470,000
474
K,M,J
FD
FD
FD
FD
FD#
GB
HB
HB
JCJC
KB
KCKD
560,000
564
K,M,J
FD
FD
FD
FD
FD#
GCHB
HD
JC
JC
KB
KC
680,000
684
K,M,J
FD
FD
FD
FD
FD#
GCHB
HD
JC
JD
KB
KC
820,000
824
K,M,J
FF
FF
FF
FF
FF#
GE
HB
JCJF
KB
KC
1,000,000
105
K,M,J
FH
FH
FH
FH
FH#
GE
HB
JCKB
KD
1,200,000
125
K,M,JFH
FH
FH
FH
HB
JCKB
1,500,000
155
K,M,JFH
FH
FH
FH
HB
JCKC
1,800,000
185
K,M,JFH
FH
FH
FH
HD
JD
KD
2,200,000
225
K,M,J
FJ
FJ
FJ
FJ
HF
JF
KD
C1812*
C1825*
C2220
C2225
Cap
pF
Cap
Code
Cap
Tol.
C1210*
6.3V
10V
6.3V
10V
16V
6.3V
10V
16V
25V
6.3V
10V
16V
25V
6.3V
10V
16V
25V
50V
12,000
123
K,M
BB
BB
15,000
153
K,M
BB
BB
18,000
183
K,M
BB
BB
22,000
223
K,M
BB
BB
27,000
273
K,M
BB
BB
33,000
333
K,M
BB
BB
39,000
393
K,M
BB
BB
47,000
473
K,M
BB
BB
56,000
563
K,M
BB
BB
68,000
683
K,M
BB
BB
82,000
823
K,M
BB
BB
100,000
104
K,M
BB
BB
120,000
124
K,M
150,000
154
K,M
180,000
184
K,M
220,000
224
K,M
270,000
274
K,M
CC
CC
CC
EB
330,000
334
K,M
CC
CC
CC
EB
390,000
394
K,M
CC
CC
CC
EB
470,000
474
K,M
CC
CC
CC
DC
EC
560,000
564
K,M
CC
CC
CC
DD
ED
680,000
684
K,M
CC
CC
CC
DE
EE
820,000
824
K,M
CC
CC
CC
DF
EF
1,000,000
105
K,M
CC
CC
CC
DG
EH
FH+
FH+
FH+
1,200,000
125
K,M
CC
DD
DD
DD
EC
FD+
FD+
1,500,000
155
K,M
C
C
DE
DE
DE
EC ECECEC
FD+
FD+
1,800,000
185
K,M
C
C
DH
DH
DH
EC ECECEC
FD+
FD+
2,200,000
225
K,M
CC
DH
DH
DH
EE
EE
EE
EE
FG+
FG+
2,700,000
275
K,M
DD
DD
DD
EF
EF
EF
EF
FG+
FG+
3,300,000
335
K,M
DE
DE
DE
EH
EH
EH
EH
FH+
FH+
4,700,000
475
K,M
DH
DH
DH
EH
EH
EH
EH
FK+
FK+
FK+
FK+
6,800,000
685
K,M
DH
E
K
E
K
EH
FJ+
FJ+
FJ+
8,200,000
825
K,M
DH
E
K
E
K
EH
FK+
FK+
FK+
10,000,000
106
K,M
DH
E
L
EL
EH
FK+
FK+
FK+
12,000,000
126
K,M
EH
FD+
FD+
FG+
15,000,000
156
K,M
EH
FD+
FD+
FL+
18,000,000
186
K,M
EH
FL+
FL+
FH+
22,000,000
226
K,M
EH
FH+
FH+
FJ+
Cap
pF
Cap
Code
Cap
Tol.
C0603*
C0805*
C1206*
C1210*
C0402*
FJ+
FK+
FK+


Similar Part No. - C0805C103P8VAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C103P8VAC KEMET-C0805C103P8VAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
C0805C103P8VAC KEMET-C0805C103P8VAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results

Similar Description - C0805C103P8VAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com