Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGL400V2-FG144YES Datasheet(PDF) 8 Page - Microsemi Corporation

Part # AGL400V2-FG144YES
Description  IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGL400V2-FG144YES Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button AGL400V2-FG144YES Datasheet HTML 4Page - Microsemi Corporation AGL400V2-FG144YES Datasheet HTML 5Page - Microsemi Corporation AGL400V2-FG144YES Datasheet HTML 6Page - Microsemi Corporation AGL400V2-FG144YES Datasheet HTML 7Page - Microsemi Corporation AGL400V2-FG144YES Datasheet HTML 8Page - Microsemi Corporation AGL400V2-FG144YES Datasheet HTML 9Page - Microsemi Corporation AGL400V2-FG144YES Datasheet HTML 10Page - Microsemi Corporation AGL400V2-FG144YES Datasheet HTML 11Page - Microsemi Corporation AGL400V2-FG144YES Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 250 page
background image
IGLOO Device Family Overview
1-2
Revision 23
Flash Advantages
Low Power
Flash-based IGLOO devices exhibit power characteristics similar to those of an ASIC, making them an
ideal choice for power-sensitive applications. IGLOO devices have only a very limited power-on current
surge and no high-current transition period, both of which occur on many FPGAs.
IGLOO devices also have low dynamic power consumption to further maximize power savings; power is
even further reduced by the use of a 1.2 V core voltage.
Low dynamic power consumption, combined with low static power consumption and Flash*Freeze
technology, gives the IGLOO device the lowest total system power offered by any FPGA.
Security
Nonvolatile, flash-based IGLOO devices do not require a boot PROM, so there is no vulnerable external
bitstream that can be easily copied. IGLOO devices incorporate FlashLock, which provides a unique
combination of reprogrammability and design security without external overhead, advantages that only
an FPGA with nonvolatile flash programming can offer.
IGLOO devices utilize a 128-bit flash-based lock and a separate AES key to provide the highest level of
protection in the FPGA industry for intellectual property and configuration data. In addition, all FlashROM
data in IGLOO devices can be encrypted prior to loading, using the industry-leading AES-128 (FIPS192)
bit block cipher encryption standard. AES was adopted by the National Institute of Standards and
Technology (NIST) in 2000 and replaces the 1977 DES standard. IGLOO devices have a built-in AES
decryption engine and a flash-based AES key that make them the most comprehensive programmable
logic device security solution available today. IGLOO devices with AES-based security provide a high
level of protection for remote field updates over public networks such as the Internet, and are designed to
ensure that valuable IP remains out of the hands of system overbuilders, system cloners, and IP thieves.
Security, built into the FPGA fabric, is an inherent component of the IGLOO family. The flash cells are
located beneath seven metal layers, and many device design and layout techniques have been used to
make invasive attacks extremely difficult. The IGLOO family, with FlashLock and AES security, is unique
in being highly resistant to both invasive and noninvasive attacks. Your valuable IP is protected with
industry-standard security, making remote ISP possible. An IGLOO device provides the best available
security for programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed, the
configuration data is an inherent part of the FPGA structure, and no external configuration data needs to
be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based IGLOO FPGAs do
not require system configuration components such as EEPROMs or microcontrollers to load device
configuration data. This reduces bill-of-materials costs and PCB area, and increases security and system
reliability.
Instant On
Flash-based IGLOO devices support Level 0 of the Instant On classification standard. This feature helps
in system component initialization, execution of critical tasks before the processor wakes up, setup and
configuration of memory blocks, clock generation, and bus activity management. The Instant On feature
of flash-based IGLOO devices greatly simplifies total system design and reduces total system cost, often
eliminating the need for CPLDs and clock generation PLLs. In addition, glitches and brownouts in system
power will not corrupt the IGLOO device's flash configuration, and unlike SRAM-based FPGAs, the
device will not have to be reloaded when system power is restored. This enables the reduction or
complete removal of the configuration PROM, expensive voltage monitor, brownout detection, and clock
generator devices from the PCB design. Flash-based IGLOO devices simplify total system design and
reduce cost and design risk while increasing system reliability and improving system initialization time.
IGLOO flash FPGAs allow the user to quickly enter and exit Flash*Freeze mode. This is done almost
instantly (within 1 µs) and the device retains configuration and data in registers and RAM. Unlike SRAM-
based FPGAs the device does not need to reload configuration and design state from external memory
components; instead it retains all necessary information to resume operation immediately.


Similar Part No. - AGL400V2-FG144YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL400V2-FG484ES MICROSEMI-AGL400V2-FG484ES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V2-FG484I MICROSEMI-AGL400V2-FG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V2-FG484PP MICROSEMI-AGL400V2-FG484PP Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V2-FG484YES MICROSEMI-AGL400V2-FG484YES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V2-FG484YI MICROSEMI-AGL400V2-FG484YI Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGL400V2-FG144YES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com