Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76121P3 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # HUF76121P3
Description  47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76121P3 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button HUF76121P3 Datasheet HTML 3Page - Fairchild Semiconductor HUF76121P3 Datasheet HTML 4Page - Fairchild Semiconductor HUF76121P3 Datasheet HTML 5Page - Fairchild Semiconductor HUF76121P3 Datasheet HTML 6Page - Fairchild Semiconductor HUF76121P3 Datasheet HTML 7Page - Fairchild Semiconductor HUF76121P3 Datasheet HTML 8Page - Fairchild Semiconductor HUF76121P3 Datasheet HTML 9Page - Fairchild Semiconductor HUF76121P3 Datasheet HTML 10Page - Fairchild Semiconductor HUF76121P3 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
HUF76121P3, HUF76121S3S Rev. C1
PSPICE Electrical Model
.SUBCKT HUF76121 2 1 3 ;
rev March 1998
CA 12 8 1.2e-9
CB 15 14 1.23e-9
CIN 6 8 7.6e-10
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 33.4
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 3.57e-9
LSOURCE 3 7 4.25e-9
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 2.5e-3
RGATE 9 20 4
RLDRAIN 2 5 10
RLGATE 1 9 35.7
RLSOURCE 3 7 42.5
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 10e-3
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*181),4))}
.MODEL DBODYMOD D (IS = 4e-13 RS = 6.3e-3 TRS1 = 1e-3 TRS2 = 3e-6 CJO = 1.33e-9 TT = 2.8e-8 M = 0.4 XTI = 4.3 N = 0.95 IKF = 5)
.MODEL DBREAKMOD D (RS = 1.05e-1 TRS1 = 0 TRS2 = 2.5e-5)
.MODEL DPLCAPMOD D (CJO = 7.8e-10 IS = 1e-30 N = 10 M = 0.63)
.MODEL MMEDMOD NMOS (VTO = 1.8 KP = 3.5 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 4)
.MODEL MSTROMOD NMOS (VTO = 2.08 KP = 65 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL MWEAKMOD NMOS (VTO = 1.54 KP = 0.1 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 40 RS = 0.1)
.MODEL RBREAKMOD RES (TC1 = 9.7e-4 TC2 = 7e-7)
.MODEL RDRAINMOD RES (TC1 = 1.6e-2 TC2 = 4e-5)
.MODEL RSLCMOD RES (TC1 = 5e-3 TC2 = 8e-6)
.MODEL RSOURCEMOD RES (TC1 = 0 TC2 = 0)
.MODEL RVTHRESMOD RES (TC = -1.7e-3 TC2 = -4e-6)
.MODEL RVTEMPMOD RES (TC1 = -1.2e-3 TC2 = 1e-6)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -5 VOFF= -3)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -3 VOFF= -5)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -0.5 VOFF= 2)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 2 VOFF= -0.5)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
HUF76121P3, HUF76121S3S


Similar Part No. - HUF76121P3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76121P3 INTERSIL-HUF76121P3 Datasheet
109Kb / 10P
   47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76121P3

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
S76121P SUNTAC-S76121P Datasheet
979Kb / 7P
   47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
logo
Intersil Corporation
HUF76121P3 INTERSIL-HUF76121P3 Datasheet
109Kb / 10P
   47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com