Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1920TGN3 Datasheet(PDF) 8 Page - Advanced Power Electronics Corp.

Part # APE1920TGN3
Description  680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1920TGN3 Datasheet(HTML) 8 Page - Advanced Power Electronics Corp.

Back Button APE1920TGN3 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1920TGN3 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1920TGN3 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1920TGN3 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1920TGN3 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1920TGN3 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE1920TGN3 Datasheet HTML 10Page - Advanced Power Electronics Corp. APE1920TGN3 Datasheet HTML 11Page - Advanced Power Electronics Corp. APE1920TGN3 Datasheet HTML 12Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Advanced Power
Electronics Corp.
APE1920
Layout Guide
(2) MESOP-8/ESOP-8
8
APE1920MP / APE1920MM8
GND
VCC
SS
FREQ
EN
LX
FB
COMP
Exposed
Pad
C3 must be placed between VOUT trace
and GND pin as closer as possible.
LX should connected to lnductor by wide and
short trace, keep sensitive components away
from this trace.
R2 and C8 should be connected
to FB pin by short trace.
VIN
C2
L1
GND
VOUT
C4
R3
C6
C7
R6
R8
R2
C5
R4
D1
C3
R7
GND
C4 must be placed between VCC pin
and GND pin as closer as possible.
The GND must connect to exposed
pad directly.
Frequency Selection, if FREQ connect to VCC,
the frequency is 1.2MHz, else connect R7 to
GND, the frequency is 680KHz.
VCC
VCC
VOUT
C1


Similar Part No. - APE1920TGN3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
APE1910Y5 A-POWER-APE1910Y5 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
APE1911MP A-POWER-APE1911MP Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
More results

Similar Description - APE1920TGN3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
Taiwan Semiconductor Co...
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
   680kHz/1.2MHz High Voltage Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
   1A, 1.2MHz Synchronous Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
   1.2MHz,30V/1A High Performance, Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com