Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQP1H161JZW Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # ECQP1H161JZW
Description  Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECQP1H161JZW Datasheet(HTML) 4 Page - Panasonic Battery Group

  ECQP1H161JZW Datasheet HTML 1Page - Panasonic Battery Group ECQP1H161JZW Datasheet HTML 2Page - Panasonic Battery Group ECQP1H161JZW Datasheet HTML 3Page - Panasonic Battery Group ECQP1H161JZW Datasheet HTML 4Page - Panasonic Battery Group ECQP1H161JZW Datasheet HTML 5Page - Panasonic Battery Group ECQP1H161JZW Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1000
500
400
300
0.0075
12.0
5.0
14.0
5.0
0.60
0.0082
12.0
5.5
14.0
5.0
0.60
0.0091
12.0
5.0
13.5
5.0
0.60
0.01
12.0
5.0
13.5
5.0
0.60
0.011
12.0
5.0
14.0
5.0
0.60
0.012
12.0
5.5
14.0
5.0
0.60
0.013
12.0
5.0
14.0
5.0
0.60
0.015
12.0
5.0
14.0
5.0
0.60
0.016
12.0
5.5
14.0
5.0
0.60
0.018
12.0
5.5
14.5
5.0
0.60
0.02
12.0
5.5
14.5
5.0
0.60
0.022
12.0
5.5
15.5
5.0
0.60
0.024
12.0
6.0
15.5
5.0
0.60
0.027
12.0
6.0
16.0
5.0
0.60
0.03
12.0
6.5
16.0
5.0
0.60
0.033
12.0
6.5
16.5
5.0
0.60
0.036
14.5
5.5
17.0
5.0
0.60
0.039
14.5
5.5
17.0
5.0
0.60
0.043
14.5
6.0
17.0
5.0
0.60
0.047
14.5
6.0
17.5
5.0
0.60
0.051
14.5
6.5
18.5
5.0
0.60
0.056
14.5
6.5
18.5
5.0
0.60
0.062
14.5
7.0
19.0
5.0
0.60
0.068
14.5
7.0
19.0
5.0
0.60
0.075
17.0
6.5
18.5
7.5
0.60
0.082
17.0
7.0
19.0
7.5
0.60
0.091
17.0
7.0
19.0
7.5
0.60
0.1
17.0
7.5
19.5
7.5
0.60
0.11
17.0
8.0
20.5
7.5
0.60
0.12
17.0
8.5
20.5
7.5
0.60
0.13
17.0
8.5
21.0
7.5
0.60
0.15
20.0
8.0
20.5
10.0
0.60
0.16
20.0
8.5
20.5
10.0
0.60
0.18
20.0
9.0
21.0
10.0
0.60
0.20
20.0
9.5
21.5
10.0
0.60
0.22
20.0
9.5
22.0
10.0
0.60
0.24
20.0
10.0
22.5
10.0
0.60
0.27
20.0
10.5
23.0
10.0
0.60
0.30
22.5
9.5
24.0
12.5
0.80
0.33
22.5
10.0
24.5
12.5
0.80
0.36
22.5
10.5
25.0
12.5
0.80
0.39
22.5
11.0
25.0
12.5
0.80
0.43
22.5
11.5
25.5
12.5
0.80
0.47
22.5
12.0
26.0
12.5
0.80
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sRating, Dimensions & Quantity/Ammo Box
qRated voltage : 50VDC, Capacitance tolerance : ± 1% (F), ± 2 % (G), ± 5 % (J)
Part No.
Cap.
(µF)
Quantity
Ammo
Dimensions (mm)
L max.
T max.
H max.
S
ød
ECQP1H752 MZ( )
ECQP1H822 MZ( )
ECQP1H912 MZ( )
ECQP1H103 MZ( )
ECQP1H113 MZ( )
ECQP1H123 MZ( )
ECQP1H133 MZ( )
ECQP1H153 MZ( )
ECQP1H163 MZ( )
ECQP1H183 MZ( )
ECQP1H203 MZ( )
ECQP1H223 MZ( )
ECQP1H243 MZ( )
ECQP1H273 MZ( )
ECQP1H303 MZ( )
ECQP1H333 MZ( )
ECQP1H363 MZ( )
ECQP1H393 MZ( )
ECQP1H433 MZ( )
ECQP1H473 MZ( )
ECQP1H513 MZ( )
ECQP1H563 MZ( )
ECQP1H623 MZ( )
ECQP1H683 MZ( )
ECQP1H753 MZ( )
ECQP1H823 MZ( )
ECQP1H913 MZ( )
ECQP1H104 MZ( )
ECQP1H114 MZ( )
ECQP1H124 MZ( )
ECQP1H134 MZ( )
ECQP1H154 MZ( )
ECQP1H164 MZ( )
ECQP1H184 MZ( )
ECQP1H204 MZ( )
ECQP1H224 MZ( )
ECQP1H244 MZ( )
ECQP1H274 MZ( )
ECQP1H304 MZ( )
ECQP1H334 MZ( )
ECQP1H364 MZ( )
ECQP1H394 MZ( )
ECQP1H434 MZ( )
ECQP1H474 MZ( )
StyleT:0.0075 to 0.47 µF
Suffix for lead crimped or taped type
Cap. tol. code
vv


Similar Part No. - ECQP1H161JZW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H161JZ PANASONIC-ECQP1H161JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQP1H161JZ PANASONIC-ECQP1H161JZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQP1H161JZW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H221JZ PANASONIC-ECQ-P1H221JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
RFE international
PND103K2E RFE-PND103K2E Datasheet
84Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PND Series: Non-Inductive, Film Foil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com