Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQP1H181JZW Datasheet(PDF) 6 Page - Panasonic Battery Group

Part # ECQP1H181JZW
Description  Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECQP1H181JZW Datasheet(HTML) 6 Page - Panasonic Battery Group

  ECQP1H181JZW Datasheet HTML 1Page - Panasonic Battery Group ECQP1H181JZW Datasheet HTML 2Page - Panasonic Battery Group ECQP1H181JZW Datasheet HTML 3Page - Panasonic Battery Group ECQP1H181JZW Datasheet HTML 4Page - Panasonic Battery Group ECQP1H181JZW Datasheet HTML 5Page - Panasonic Battery Group ECQP1H181JZW Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1000
500
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sRating, Dimensions & Quantity/Ammo Box
qRated voltage : 100VDC, Capacitance tolerance : ± 1% (F), ± 2 % (G), ± 5 % (J)
Part No.
Cap.
(µF)
Quantity
Ammo
300
Dimensions (mm)
L max.
T max.
H max.
S
ød
ECQP1752MZ( )
ECQP1822MZ( )
ECQP1912MZ( )
ECQP1103MZ( )
ECQP1113MZ( )
ECQP1123MZ( )
ECQP1133MZ( )
ECQP1153MZ( )
ECQP1163MZ( )
ECQP1183MZ( )
ECQP1203MZ( )
ECQP1223MZ( )
ECQP1243MZ( )
ECQP1273MZ( )
ECQP1303MZ( )
ECQP1333MZ( )
ECQP1363MZ( )
ECQP1393MZ( )
ECQP1433MZ( )
ECQP1473MZ( )
ECQP1513MZ( )
ECQP1563MZ( )
ECQP1623MZ( )
ECQP1683MZ( )
ECQP1753MZ( )
ECQP1823MZ( )
ECQP1913MZ( )
ECQP1104MZ( )
ECQP1114MZ( )
ECQP1124MZ( )
ECQP1134MZ( )
ECQP1154MZ( )
ECQP1164MZ( )
ECQP1184MZ( )
ECQP1204MZ( )
ECQP1224MZ( )
ECQP1244MZ( )
ECQP1274MZ( )
ECQP1304MZ( )
ECQP1334MZ( )
ECQP1364MZ( )
ECQP1394MZ( )
ECQP1434MZ( )
ECQP1474MZ( )
0.0075
13.0
5.5
14.0
5.0
0.60
0.0082
13.0
5.5
14.0
5.0
0.60
0.0091
13.0
5.0
13.0
5.0
0.60
0.01
13.0
5.0
13.5
5.0
0.60
0.011
13.0
5.0
13.5
5.0
0.60
0.012
13.0
5.0
13.5
5.0
0.60
0.013
13.0
5.0
13.5
5.0
0.60
0.015
13.0
5.5
14.0
5.0
0.60
0.016
13.0
5.5
14.0
5.0
0.60
0.018
13.0
6.0
15.0
5.0
0.60
0.02
16.0
5.5
15.0
5.0
0.60
0.022
16.0
5.5
15.0
5.0
0.60
0.024
16.0
5.5
15.0
5.0
0.60
0.027
16.0
6.0
15.0
5.0
0.60
0.03
16.0
6.0
15.5
5.0
0.60
0.033
16.0
6.5
15.5
5.0
0.60
0.036
16.0
6.5
15.5
5.0
0.60
0.039
16.0
7.0
16.0
5.0
0.60
0.043
16.0
7.5
16.0
5.0
0.60
0.047
16.0
7.5
16.5
5.0
0.60
0.051
18.0
6.5
17.0
7.5
0.60
0.056
18.0
6.5
17.0
7.5
0.60
0.062
18.0
7.0
17.5
7.5
0.60
0.068
18.0
7.0
17.5
7.5
0.60
0.075
18.0
7.0
18.0
7.5
0.60
0.082
18.0
7.0
18.5
7.5
0.60
0.091
18.0
7.5
18.5
7.5
0.60
0.1
18.5
7.5
19.0
7.5
0.60
0.11
18.5
7.5
19.0
10.0
0.60
0.12
18.5
8.5
19.5
10.0
0.60
0.13
18.5
9.0
20.0
10.0
0.60
0.15
18.5
9.5
20.5
10.0
0.60
0.16
18.5
9.5
20.5
12.5
0.60
0.18
19.0
10.0
21.0
12.5
0.60
0.20
19.0
10.5
21.5
12.5
0.60
0.22
19.0
11.0
22.0
12.5
0.60
0.24
25.0
9.0
21.5
12.5
0.80
0.27
25.0
9.5
22.0
12.5
0.80
0.30
25.0
10.0
22.5
12.5
0.80
0.33
25.0
10.0
23.0
12.5
0.80
0.36
25.0
10.5
23.5
12.5
0.80
0.39
25.0
11.0
24.0
12.5
0.80
0.43
25.0
11.5
24.5
12.5
0.80
0.47
25.0
12.0
25.0
12.5
0.80
StyleT: 0.0075 to 0.15, 0.24 to 0.47 µF
StyleN:0.16 to 0.22 µF
Suffix for lead crimped or taped type
Cap. tol. code
vv


Similar Part No. - ECQP1H181JZW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H181JZ PANASONIC-ECQP1H181JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQP1H181JZ PANASONIC-ECQP1H181JZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQP1H181JZW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H221JZ PANASONIC-ECQ-P1H221JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
RFE international
PND103K2E RFE-PND103K2E Datasheet
84Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PND Series: Non-Inductive, Film Foil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com