Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805C103Z9VAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0805C103Z9VAC
Description  CERAMIC CHIP CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C103Z9VAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0805C103Z9VAC Datasheet HTML 1Page - Kemet Corporation C0805C103Z9VAC Datasheet HTML 2Page - Kemet Corporation C0805C103Z9VAC Datasheet HTML 3Page - Kemet Corporation C0805C103Z9VAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
60
CERAMIC CHIP/STANDARD
C1210*
C1812*
C1825*
C2220
50V 100V
200V
50V 100V
200V
50V 100V
200V
50V 100V
200V
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GD
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GB
GD
GH
GJ
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HB
HE
HE
HB
HB
HB
HB
HB
HE
HE
JB
JB
JB
JB
JB
JB
JB
JB
JB
JB
JB
JB
JB
JB
C2225
50V 100V
200V
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KB
KE
50V 100V 200V 50V 100V 200V
50V
100V 200V
50V
100V 200V
50V
100V 200V
10
100
D
J,K,M
FB
FB
FB
12
120
D
J,K,M
FB
FB
FB
15
150
D
G,J,K,M
FB
FB
FB
18
180
D
G,J,K,M
FB
FB
FB
22
220
D
G,J,K,M
FB
FB
FB
27
270
D,F,G,J,K,M
FB
FB
FB
33
330
D,F,G,J,K,M
FB
FB
FB
39
390
D,F,G,J,K,M
FB
FB
FB
47
470
D,F,G,J,K,M
FB
FB
FB
56
560
F,G,J,K,MFB
FB
FB
68
680
F,G,J,K,MFB
FB
FB
82
820
F,G,J,K,MFB
FB
FB
100
101
F,G,J,K,MFB
FB
FB
120
121
F,G,J,K,MFB
FB
FB
150
131
F,G,J,K,MFB
FB
FB
180
181
F,G,J,K,MFB
FB
FB
220
221
F,G,J,K,MFB
FB
FB
270
271
F,G,J,K,MFB
FB
FB
330
331
F,G,J,K,MFB
FB
FB
390
391
F,G,J,K,MFB
FB
FB
470
471
F,G,J,K,MFB
FB
FB
GB
GB
GB
560
561
F,G,J,K,MFB
FB
FB
GB
GB
GB
680
681
F,G,J,K,MFB
FB
FB
GB
GB
GB
820
821
F,G,J,K,MFB
FB
FB
GB
GB
GB
1,000
102
F,G,J,K,MFB
FB
FB
GB
GB
GB
1,200
122
F,G,J,K,MFB
FB
FB
GB
GB
GB
1,500
152
F,G,J,K,MFB
FB
FE
GB
GB
GB
1,800
182
F,G,J,K,MFB
FB
FE
GB
GB
GB
2,200
222
F,G,J,K,M FB
FCFG
GB
GB
GB
2,700
272
F,G,J,K,M FB
FCFCGB
GB
GB
3,300
332
F,G,J,K,MFB
FF
FF
GB
GB
GB
3,900
392
F,G,J,K,MFB
FF
GB
GB
GB
HB
HB
HB
4,700
472
F,G,J,K,MFF
FF
GB
GB
GD
HB
HB
HB
KB
KB
KB
5,600
562
F,G,J,K,MFB
FF
GB
GB
GH
HB
HB
HB
KB
KB
KB
6,800
682
F,G,J,K,MFB
FG
GB
GB
GJ
HB
HB
HB
JB
JB
KB
KB
KB
8,200
822
F,G,J,K,M FCGB
GB
HB
HB
HB
JB
JB
KB
KB
KB
10,000
103
F,G,J,K,MFF
GB
GD
HB
HB
HE
JB
JB
KB
KB
KB
12,000
123
F,G,J,K,MFG
GB
GD
HB
HB
HE
JB
JB
KB
KB
KB
15,000
153
F,G,J,K,MHB
HB
JB
JB
KB
KB
KE
18,000
183
F,G,J,K,MHB
HB
JB
JB
KB
KB
22,000
223
F,G,J,K,MHB
HE
JB
KB
KB
27,000
273
F,G,J,K,MHB
HE
JB
KB
KB
33,000
333
F,G,J,K,M
KB
C1812*
C1825*
C2220
C2225
Cap
pF
Cap
Code
Cap
Tol.
C1210*
X7R CAPACITANCE RANGE – 0402, 0603, 0805, 1206
I
* Indicates EIA preferred chip sizes. NOTE: For non-standard apacitance values or voltages, contact your local KEMET sales representative. #X7R dielectric - Extended
I
Range Values - Cap and DF measured @ 0.5 Vms. Improved product with higher ratings and tighter tolerance product may be substituted within the same size
I
(length, width, and thickness) at KEMET's option. Reels with substitutions will be marked with the improved KEMET part numbers. ** Contact KEMET representative
I
C0G CAPACITANCE RANGE – 1210, 1812, 1825, 2220, 2225
I
* Indicates EIA preferred chip sizes. NOTE: For non-standard apacitance values or voltages, contact your local KEMET sales representative. #X7R dielectric - Extended
I
Range Values - Cap and DF measured @ 0.5 Vms. Improved product with higher ratings and tighter tolerance product may be substituted within the same size
I
(length, width, and thickness) at KEMET's option. Reels with substitutions will be marked with the improved KEMET part numbers. ** Contact KEMET representative
I
for J tolerance availability.
I
6.3V 10V 16V 25V 50V 6.3V
10V
16V 25V 50V 100V 200V 6.3V 10V 16V 25V
50V 100V 200V 6.3V
10V
16V
25V
50V
100V
200V
150
151
K,M,J
BB
BB
BB
BB
BB
180
181
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
220
221
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
270
271
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
330
331
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
390
391
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
470
471
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
560
561
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
680
681
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
820
821
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
1,000
102
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
1,200
122
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
1,500
152
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
1,800
182
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
2,200
222
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
2,700
272
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
3,300
332
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
3,900
392
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
4,700
472
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
5,600
562
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
6,800
682
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
8,200
822
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
10,000
103
K,M,J
BB
BB
BB
BB
BB#
CB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
12,000
123
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
15,000
153
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DD
DD
DD
DD
DD
DD
DC
EB
EB
EB
EB
EB
EB
EB
18,000
183
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DD
DC
EB
EB
EB
EB
EB
EB
EB
22,000
223
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DD
DC
EB
EB
EB
EB
EB
EB
EB
27,000
273
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DD
DE
EB
EB
EB
EB
EB
EB
EB
33,000
333
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC
DC
DC
DC
DD
DE
EB
EB
EB
EB
EB
EB
EB
39,000
393
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DD
DD
DD
DD
DD
DD
DE
EB
EB
EB
EB
EB
EC
EB
47,000
473
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
DD
DD
DD
DD
DD
DE
DG
EB
EB
EB
EB
EB
EC
ED
56,000
563
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CC
DD
DD
DD
DD
DD#
DE
DG
EB
EB
EB
EB
EB
EB
ED
68,000
683
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CC
DD
DD
DD
DD
DD#
DE
EB
EB
EB
EB
EB
EB
ED
82,000
823
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CC
DD
DD
DD
DD
DD#
DE
EB
EB
EB
EB
EB
EB
ED
100,000
104
K,M,J**
BB
BB
BB
CB#
CB# CB# CB# CC#
DD
DD
DD
DD
DD#
DE
EB
EB
EB
EB
EB
EB
EM
120,000
124
K,M,J**
CB#
CB# CB#
DC
DC
DC
DC
DD#
DG
EC
EC
EC
EC
EC
EC
EM
150,000
154
K,M,J**
CB#
CB# CB#
DC
DC
DC
DC
DD#
EC
EC
EC
EC
EC
EC
EG
180,000
184
K,M,J**
CB#
CB# CB#
DC
DC
DC
DC
DD#
EC
EC
EC
EC
EC#
EC#
220,000
224
K,M,J**
CB#
CB# CB#
DC
DC
DC
DC
DD#
EC
EC
EC
EC
EC#
EC#
270,000
274
K,M,J**
CB#
CB# CB#
DD
DD
DD
DD
EB
EB
EB
EB
EC#
EM
330,000
334
K,M,J**
CB#
CB# CB#
DE
DE
DE
DE
EB
EB
EB
EB
EC#
EG
390,000
394
K,M,J**
CB#
CB# CB#
DG
DG
DG
DG
EB
EB
EB
EB
EG#
EG
470,000
474
K,M,J**
CB#
CB# CB#
DG
DG
DG
DG
EC
EC
EC
EC
EC#
560,000
564
K,M,J**
DG
DG
DG
DG
ED
ED
ED
ED
EC#
680,000
684
K,M,J**
DG
DG
DG
EE
EE
EE
EE
ED#
820,000
824
K,M,J*
DG
DG
DG
EF
EF
EF
EF
1,000,000
105
K,M,J**
DG
DG
DG
EE
EE
EF
EG
1,200,000
125
K,M,J**
DE
DE
DE
ED
ED
ED
EG
1,500,000
155
K,M,J**
DG
DG
DG
EF
EF
EF
EG
1,800,000
185
K,M,J**
DG
DG
DG
EF
EF
EF
2,200,000
225
K,M,J**
DG
DG
DG
EG
EG
EG
2,700,000
275
K,M,J**
EN
EN
EK
3,300,000
335
K,M,J**
ED
ED
ED
3,900,000
395
K,M,J**
EL
EL
EL
4,700,000
475
K,M,J**
EM
EM
EM
5,600,000
565
K,M,J**
EH
EH
EH
6,800,000
685
K,M,J**
EH
EH
EH
8,200,000
825
K,M,J**
EH
EH
10,000,000
106
K,M,J**
EH
EH
C0603*
C1206*
C0805*
Cap
pF
Cap
Code
Cap
Tol.
C0402*


Similar Part No. - C0805C103Z9VAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C103Z9GAC KEMET-C0805C103Z9GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C103Z9GAC KEMET-C0805C103Z9GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C103Z9GAC KEMET-C0805C103Z9GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C103Z9RAC KEMET-C0805C103Z9RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C103Z9RAC KEMET-C0805C103Z9RAC Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
More results

Similar Description - C0805C103Z9VAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com